Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RPT-LDP-12DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-1-RPT-LDP-12DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RPT-LDP-12DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-1-RPT-LDP-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906223
10/29/2015   Page 3 / 6
Relay Module - RIF-1-RPT-LDP-12DC/2X21 - 2906223
Technical data
Connection data output side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
0.14 mm² ... 1 mm² (Ferrule with plastic sleeve)
0.14 mm² ... 1.5 mm² (Ferrules without plastic sleeve)
AWG conductor cross section
26 ... 16
General
Type of note
Notes on operation
Note
FBS 2-6... plug-in bridge for the input side (A2) and FBS-2-8... plug-in
bridge for the output side (11/21)
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Test voltage PDT/PDT
2.5 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay socket)
RT III (Relay)
Mechanical service life
Approx. 3 x 107 cycles
Standards/regulations
DIN EN 50178
IEC 62103
Pollution degree
2
Overvoltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Articles in set
Relay socket - RIF-1-BPT/2X21 - 2900931
RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in
connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com