Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RPT-LDP-12DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-1-RPT-LDP-12DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RPT-LDP-12DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-1-RPT-LDP-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906223
10/29/2015   Page 4 / 6
Relay Module - RIF-1-RPT-LDP-12DC/2X21 - 2906223
Articles in set
Single relay - REL-MR- 12DC/21-21 - 2961257
Plug-in miniature power relay, with power contact, 2 PDTs, input voltage 12 V DC
 
 
Plug-in module - RIF-LDP-12-24 DC - 2900939
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with freewheeling diode and yellow LED, polarity: A1+,
A2-, input voltage: 12 - 24 V DC ±20%
 
 
Retaining bracket - RIF-RH-1 - 2900953
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 16 mm tall
miniature power relay and solid-state relay
 
 
Classifications
eCl@ss
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
ETIM
ETIM 5.0
EC001437
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com