Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RPT-LDP-12DC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-1-RPT-LDP-12DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RPT-LDP-12DC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-1-RPT-LDP-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906223
10/29/2015   Page 5 / 6
Relay Module - RIF-1-RPT-LDP-12DC/2X21 - 2906223
Circuit diagram
12
22
A1+
A2-
14
24
11
21
DC coils
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
20
30
40
50
60
70
80
Ambienttemperature[°C]
DCcoils
ACcoils
Operating voltage range
Diagram
AC,ohmicload
DC,ohmicload,contactsinseries
DC,ohmicload
DC,L/R=40ms
Switchingvoltage[V]
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
3
1
4
2
Interrupting rating
Diagram
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
11
Ambienttemperature[°C]
DCcoil
ACcoil
Contact derating
Diagram
Switchingcurrent[A]
250V AC,ohmicload(DCcoils)
250V AC,ohmicload(ACcoils)
0
1
4
8
12
16
10
7
10
6
10
5
10
4
2
3
5
6
7
11
9 10
15
14
13
1
2
2
1
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com