Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RPT-LDP-12DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # RIF-1-RPT-LDP-12DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RPT-LDP-12DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  RIF-1-RPT-LDP-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906223
10/29/2015   Page 2 / 6
Relay Module - RIF-1-RPT-LDP-12DC/2X21 - 2906223
Technical data
Coil side
Typical input current at UN
33 mA
Typical response time
8 ms
Typical release time
10 ms
Coil voltage
12 V DC
Protective circuit
Damping diode
Operating voltage display
Yellow LED
Contact side
Contact type
2 PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 10 mA)
Min. switching current
10 mA (At 5 V)
Maximum inrush current
25 A (20 ms, N/O contact)
Limiting continuous current
8 A (see diagram)
Interrupting rating (ohmic load) max.
192 W (at 24 V DC)
96 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
57 W (at 220 V DC)
2000 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 250 V, AC15)
Connection data input side
Connection name
Coil side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
0.14 mm² ... 1 mm² (Ferrule with plastic sleeve)
0.14 mm² ... 1.5 mm² (Ferrules without plastic sleeve)
AWG conductor cross section
26 ... 16
Connection data output side
Connection name
Contact side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com