Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RPT-LDP-12DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-1-RPT-LDP-12DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RPT-LDP-12DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-1-RPT-LDP-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RPT-LDP-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906223
10/29/2015   Page 1 / 6
Relay Module - RIF-1-RPT-LDP-12DC/2X21 - 2906223
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in
display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 12 V DC
 
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
68.0 g
Custom tariff number
85364110
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
16 mm
Height
93 mm
Depth
75 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
12 V DC
Input voltage range in reference to UN
see diagram


Similar Part No. - RIF-1-RPT-LDP-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-1-RPT-LDP-24DC PHOENIX-RIF-1-RPT-LDP-24DC Datasheet
126Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode. Contact type: 1 PDT.
More results

Similar Description - RIF-1-RPT-LDP-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-1-RPT-LV-24AC PHOENIX-RIF-1-RPT-LV-24AC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, multi-layer contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 24 V AC
RIF-1-RPT-LV-120AC PHOENIX-RIF-1-RPT-LV-120AC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, multi-layer contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 120 V AC
RIF-2-RPT-LDP-24DC PHOENIX-RIF-2-RPT-LDP-24DC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
RIF-2-RPT-LV-24AC PHOENIX-RIF-2-RPT-LV-24AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V AC
RIF-2-RPT-LV-120AC PHOENIX-RIF-2-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 120 V AC
RIF-2-RPT-LV-230AC PHOENIX-RIF-2-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 230 V AC
RIF-3-RPT-LV-120AC PHOENIX-RIF-3-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RPT-LV-230AC PHOENIX-RIF-3-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-120AC PHOENIX-RIF-4-RPT-LV-120AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-230AC PHOENIX-RIF-4-RPT-LV-230AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com