Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C170-R0000 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HSMR-C170-R0000 Datasheet HTML 1Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Broadcom
- 3 -
HSMR-C170-R0000
Data Sheet
Absolute Maximum Value at TJ = 25°C
Optical/Electrical Characteristics at TJ = 25°C, IF=20 mA
Parameter
Rating
Unit
DC Forward Currenta
a.
Derate as shown in Figure 7.
20
mA
Peak Forward Currentb
b.
Duty factor = 10%, frequency = 1 KHz.
100
mA
Power Dissipation
78
mW
LED Junction Temperature
95
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–40 to +85
°C
Parameter
Min.
Typ.
Max.
Unit
Luminous Intensity, Iva
a.
The luminous intensity is measured at the mechanical axis of the LED package. The actual peak of the
spatial radiation pattern may not be aligned with the axis.
146.25
170.00
1125.00
mcd
Dominant Wavelength,
db
b.
The dominant wavelength is derived from the CIE chromaticity diagram and represents the perceived
color of the device.
—466
—
nm
Peak Wavelength,
p—
462
—
nm
Viewing Angle, 2
½c
c.
The viewing angle is the off-axis angle where the luminous intensity is ½ the peak intensity.
—155
—
degree
Forward Voltage, Vf
2.9
—
3.9
V
Reverse Voltage, Vrd at Ir = 100 μA
d.
Indicates product final test condition. Long- term reverse bias is not recommended.
5—
—
V
Thermal Resistance, R
j-s
—
300
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com