Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C170-R0000 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HSMR-C170-R0000 Datasheet HTML 1Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Broadcom
- 1 -
Description
The HSMR-C170-R0000 ChipLED is a surface-mount LED that
comes in an industrial standard 2.0 mm × 1.25 mm package
footprint, which allows for ease of use and handling. It offers
industry-leading performance by using efficient and high
brightness InGaN material.
This LED has a wide viewing angle. Coupled with high
performance, these features make this device an ideal
candidate for applications that require uniform light
distribution and high brightness.
This device is ideal for use in applications, such as industrial
equipment, consumer electronics, gaming, home appliances,
and black and white goods markets.
Features
LED with InGaN die
Surface-mount device with 0805 footprint
0.8-mm package height
Compatible with reflow soldering
Tape in 8-mm carrier tape on a 7-in. diameter reel
Applications
Pushbutton backlighting
Icon backlighting
Status indicator
CAUTION: LEDs are Class 1A ESD sensitive per ANSI/ESDA/JEDEC JS-001. Observe appropriate precautions during handling and
processing. Refer to Application Note AN-1142 for additional details.
HSMR-C170-R0000
Blue ChipLED
Data Sheet


Similar Part No. - HSMR-C170-R0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-C170 AVAGO-HSMR-C170 Datasheet
455Kb / 12P
High Performance Chip LED
More results

Similar Description - HSMR-C170-R0000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-CL25 AVAGO-HSMR-CL25 Datasheet
184Kb / 6P
0.25mm Blue Leadframe-Based Surface Mount ChipLED
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
Miniature ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
CHIPLED 0603
logo
Broadcom Corporation.
HSMR-C191-S0000 BOARDCOM-HSMR-C191-S0000 Datasheet
1Mb / 10P
Blue ChipLED
HSMR-C230 BOARDCOM-HSMR-C230 Datasheet
792Kb / 10P
Blue Color Side-Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com