Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C170-R0000 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Broadcom
- 8 -
HSMR-C170-R0000
Data Sheet
Soldering
Figure 8 Recommended Reflow Soldering Condition
Do not perform reflow soldering more than twice. Observe
necessary precautions when handling moisture-sensitive
device as stated in the next section.
Do not apply any pressure or force on the LED during
reflow and after reflow while the LED is still hot.
Use reflow soldering to solder the LED. But if it is
unavoidable (such as rework), manual hand soldering may
be used but must be strictly controlled to the following
conditions:
—
Soldering iron tip temperature = 310°C max.
—
Soldering duration = 2s max.
—
Number of cycles = One only
—
Power of the soldering iron = 50W max.
Do not touch the LED package body with the soldering
iron except for the soldering terminals as it might damage
the LED.
Confirm beforehand whether the functionality and
performance of the LED is affected by hand soldering.
Precautionary Notes
Handling of Moisture-Sensitive Devices
This product has a Moisture Sensitive Level 2a rating per JEDEC
J-STD-020. Refer to Broadcom Application Note AN5305,
Handling of Moisture Sensitive Surface Mount Devices, for
additional details and a review of proper handling procedures.
Before use:
—
An unopened moisture barrier bag (MBB) can be
stored at < 40°C / 90% RH for 12 months. If the actual
shelf life has exceeded 12 months and the humidity
indicator card (HIC) indicates that baking is not
required, it is safe to reflow the LEDs per the original
MSL rating.
—
Do not open the MBB prior to assembly (for example,
for IQC).
Control after opening the MBB:
—
Read the HIC immediately upon opening the MBB.
—
Keep the LEDs < 30°C / 60% RH at all times, and
complete all high temperature-related processes, such
as soldering, curing, or rework, within 672 hours.
Control for unfinished reel:
Store unused LEDs in a sealed MBB with desiccant or
desiccator at < 5% RH.
Control of assembled boards:
If the PCB soldered with the LEDs is to be subjected to
other high temperature processes, store the PCB in a
sealed MBB with desiccant or desiccator at < 5% RH to
ensure that all LEDs have not exceeded their floor life of
672 hours.
Baking is required if the following conditions exist:
—
The HIC indicator is not blue at 10% and is pink at 5%.
—
The LEDs are exposed to conditions of > 30°C / 60% RH
at any time.
—
The LED floor life exceeded 672 hours.
The recommended baking condition is: 60°C ± 5ºC for
20 hours.
Bake the LED only once.
217°C
200°C
60s to 120s
6 °C/s max.
3 °C/s max.
s max.
/
C
°
3
150°C
255°C to 260°C
60s max.
10s max.
Time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com