Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C170-R0000 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HSMR-C170-R0000 Datasheet HTML 1Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Broadcom
- 2 -
HSMR-C170-R0000
Data Sheet
Package Dimensions
NOTE
1.
All dimensions are in millimeters (in.).
2.
Tolerance ±0.1 mm (±0.004 in.) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com