Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C170-R0000 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HSMR-C170-R0000 Datasheet HTML 1Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Broadcom
- 4 -
HSMR-C170-R0000
Data Sheet
Bin Information
Intensity Bins (CAT)
Tolerance = ± 15%.
Forward Voltage Bins
Tolerance = ± 0.1V.
Color Bins (BIN)
Tolerance = ± 1 nm.
Bin ID
Luminous Intensity (mcd)
Min.
Max.
R2
146.25
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
Bin ID
Forward Voltage (V)
Min.
Max.
12.9
3.1
23.1
3.3
33.3
3.5
43.5
3.7
53.7
3.9
Bin ID
Dominant Wavelength (nm)
Min.
Max.
A
460
465
B
465
470
C
470
475
D
475
480



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com