Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8123ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8123
Rev. B | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden Cable (BL-7987R), VOFFSET = 0 V, VPEAK, VGAIN, and VPOLE are set to recommended settings shown in
Figure 17, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PEAKING PERFORMANCE (NO CABLE)
Peak Frequency
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 1 V
100
MHz
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 2 V
105
MHz
Peak Gain
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 1 V
45
dB
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 2 V
55
dB
DYNAMIC PERFORMANCE
10% to 90% Rise/Fall Time
VOUT = 2 V step, 150 meters Cat-5
4.9
ns
VOUT = 2 V step, 300 meters Cat-5
8.0
ns
Settling Time to 2%
VOUT = 2 V step, 150 meters Cat-5
36
ns
VOUT = 2 V step, 300 meters Cat-5
106
ns
–3 dB Large Signal Bandwidth
VOUT = 1 V p-p, <10 meters Cat-5
120
MHz
VOUT = 2 V p-p, <10 meters Cat-5
110
MHz
VOUT = 2 V p-p, 150 meters Cat-5
78
MHz
VOUT = 2 V p-p, 300 meters Cat-5
43
MHz
Integrated Output Voltage Noise
150 meter setting, integrated to 160 MHz
2.5
mV rms
300 meter setting, integrated to 160 MHz
24
mV rms
INPUT DC PERFORMANCE
Input Voltage Range
−IN and +IN
±3.0
V
Maximum Differential Voltage Swing
4
V p-p
Voltage Gain
ΔVO/ΔVI, VGAIN set for 0 meters of cable
1
V/V
Common-Mode Rejection Ratio (CMRR)
At dc, VPEAK = VGAIN = VPOLE = 0 V
−86
dB
At dc, VPEAK = VGAIN = VPOLE = 2 V
−67
dB
At 1 MHz, VPEAK = VGAIN = VPOLE = 2 V
−52
dB
Input Resistance
Common mode
4.4
MΩ
Differential
3.7
MΩ
Input Capacitance
Common mode
1.0
pF
Differential
0.5
pF
Input Bias Current
2.4
µA
VOFFSET Pin Current
28.9
µA
VGAIN Pin Current
0.5
µA
VPEAK Pin Current
0.4
µA
VPOLE Pin Current
0.4
µA
ADJUSTMENT PINS
VPEAK Input Voltage Range
Relative to GND
0 to 2
V
VPOLE Input Voltage Range
Relative to GND
0 to 2
V
VGAIN Input Voltage Range
Relative to GND
0 to 2
V
VOFFSET to OUT Gain
OUT/VOFFSET, range limited by output swing
1
V/V
Maximum Flat Gain
VGAIN = 2 V
2
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
150 Ω load
−3.75 to +3.69
V
1 kΩ load
−3.66 to +3.69
V
Output Offset Voltage
Referred to output, VPEAK = VGAIN = VPOLE = 0 V
24
mV
Referred to output, VPEAK = VGAIN = VPOLE = 2 V
32
mV
Output Offset Voltage Drift
Referred to output
33
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com