Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8123
Data Sheet
Rev. B | Page 14 of 16
POWER SUPPLY FILTERING
External power supply filtering between the system power
supplies and the AD8123 is required in most applications to
prevent supply noise from contaminating the received signal as
well as to prevent unwanted feedback through the supplies that
could cause instability. Figure 29 shows that the AD8123 power
supply rejection decreases with increasing frequency. These
plots are for the lowest control settings and shift upward as the
peaking is increased.
–60
–50
–40
–30
–20
–10
0
10
+PSRR
–PSRR
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 0V
VPEAK = 0V
VPOLE = 0V
Figure 29. AD8123 PSRR vs. Frequency
A suitable filter that uses a surface-mount ferrite bead is shown
in Figure 30, and its frequency response is shown in Figure 31.
Because the frequency response was taken using a 50 Ω network
analyzer and with only one 0.1 µF capacitor on the AD8123
side, the actual amount of rejection provided by the filter in a
real-world application will be different from that shown in
Figure 31. The general shape of the rejection curve, however,
matches Figure 31, providing substantially increased overall
PSRR from approximately 5 MHz to 500 MHz, where it is most
needed. One filter is required on each of the two supplies (not one
filter per supply pin).
FAIR-RITE
2743021447
*ALL AD8123 SUPPLY PINS ARE INDIVIDUALLY
DECOUPLED WITH A 0.1µF CAPACITOR.
0.1µF
4700pF
4700pF
SYSTEM
SUPPLY
TO AD8123*
Figure 30. Power Supply Filter
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 31. Power Supply Filter Frequency Response in a 50 Ω System
LAYOUT AND POWER SUPPLY DECOUPLING
CONSIDERATIONS
Standard high speed PCB layout practices must be adhered
to when designing with the AD8123. A solid ground plane is
required and controlled impedance traces must be used when
interconnecting the high speed signals. Source termination
resistors on all of the outputs must be placed as close as possible
to the output pins.
The exposed paddle on the underside of the AD8123 must be
connected to a pad that connects to at least one PCB plane. Use
several thermal vias to make the connection between the pad
and the plane(s).
High quality 0.1 µF power supply decoupling capacitors must be
placed as close as possible to all of the supply pins. Use small
surface-mount ceramic capacitors for these. Tantalum capacitors
are recommended for bulk supply decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com