Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8123ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8123
Data Sheet
Rev. B | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range
±4.5
±5.5
V
Positive Quiescent Supply Current
132
mA
Negative Quiescent Supply Current
126
mA
Supply Current Drift, ICC/IEE
80
µA/°C
Positive Power Supply Rejection Ratio
DC, referred to output
−51
dB
Negative Power Supply Rejection Ratio
DC, referred to output
−63
dB
Power Down, VIH (Minimum)
Minimum Logic 1 voltage
1.1
V
Power Down, VIL (Maximum)
Maximum Logic 0 voltage
0.8
V
Positive Supply Current, Powered Down
VPEAK = VGAIN = VPOLE = 0 V
1.1
µA
Negative Supply Current, Powered Down
VPEAK = VGAIN = VPOLE = 0 V
0.7
µA
COMPARATORS
Output Voltage Levels
VOH/VOL
3.33/0.043
V
Hysteresis
VHYST
70
mV
Propagation Delay
tPD, LH/tPD, HL
17.5/10.0
ns
Rise/Fall Times
tRISE/tFALL
9.3/9.3
ns
Output Resistance
0.03
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com