Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8123ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Triple Differential Receiver with
Adjustable Line Equalization
Data Sheet
AD8123
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Compensates cables to 300 meters for wideband video
Fast rise and fall times
4.9 ns with 2 V step at 150 meters of UTP cable
8.0 ns with 2 V step at 300 meters of UTP cable
55 dB peak gain at 100 MHz
Two frequency response gain adjustment pins
High frequency peaking adjustment (VPEAK)
Broadband flat gain adjustment (VGAIN)
Pole location adjustment pin (VPOLE)
Compensates for variations between cables
Can be optimized for either UTP or coaxial cable
DC output offset adjust (VOFFSET)
Low output offset voltage: 24 mV
Compensates both RGB and YPbPr
Two on-chip comparators with hysteresis
Can be used for common-mode sync extraction
Available in 40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Keyboard-video-mouse (KVM)
Digital signage
RGB video over UTP cables
Professional video projection and distribution
HD video
Security video
FUNCTIONAL BLOCK DIAGRAM
OUTR
+INR
–INR
AD8123
OUTG
+ING
–ING
OUTB
+INB
INB
–INCMP1
+INCMP1
–INCMP2
+INCMP2
OUTCMP2
OUTCMP1
VPEAK
VPOLE VOFFSET VGAIN
Figure 1.
GENERAL DESCRIPTION
The AD8123 is a triple, high speed, differential receiver and
equalizer that compensates for the transmission losses of UTP
and coaxial cables up to 300 meters in length. Various gain
stages are summed together to best approximate the inverse
frequency response of the cable. Logic circuitry inside the AD8123
controls the gain functions of the individual stages so that the
lowest noise can be achieved at short-to-medium cable lengths.
This technique optimizes its performance for low noise, short-
to-medium range applications, while at the same time provides
the high gain bandwidth required for long cable equalization
(up to 300 meters). Each channel features a high impedance
differential input that is ideal for interfacing directly with the cable.
The AD8123 has three control pins for optimal cable
compensation, as well as an output offset adjust pin. Two
voltage-controlled pins are used to compensate for different
cable lengths; the VPEAK pin controls the amount of high frequency
peaking and the VGAIN pin adjusts the broadband flat gain,
which compensates for the low frequency flat cable loss.
For added flexibility, an optional pole adjustment pin, VPOLE,
allows movement of the pole locations, allowing for the
compensation of different gauges and types of cable as well
as variations between different cables and/or equalizers. The
VOFFSET pin allows the dc voltage at the output to be adjusted,
adding flexibility for dc-coupled systems.
The AD8123 is available in a 6 mm × 6 mm, 40-lead LFCSP
and is rated to operate over the extended temperature range of
−40°C to +85°C.
UXGA RESOLUTION IMAGE
AFTER 300 METER CAT-5 CABLE
AFTER AD8123.
UXGA RESOLUTION IMAGE
AFTER 300 METER CAT-5 CABLE
BEFORE AD8123.
Figure 2. UXGA Resolution Images Before and After the AD8123


Similar Part No. - AD8123ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123ACPZ-R7 AD-AD8123ACPZ-R7 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
AD8123ACPZ-R71 AD-AD8123ACPZ-R71 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
More results

Similar Description - AD8123ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
logo
Analog Devices
AD8124 AD-AD8124 Datasheet
324Kb / 16P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com