Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8123ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8123
Data Sheet
Rev. B | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
NIC
+INCMP1
OUTCMP1
VS+_CMP
VS–
VS+
VOFFSET
GND
VPOLE
VPEAK
VGAIN
–INCMP1
OUTCMP2
–INCMP2
+INCMP2
NIC
VS–_CMP
NIC
PD
NIC
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
TOP VIEW
(Not to Scale)
AD8123
2
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PADDLE ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO A PCB PLANE TO ACHIEVE
SPECIFIED THERMAL RESISTANCE.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 20, 21, 30, 40
NIC
No Internal Connection.
2
+INCMP1
Positive Input, Comparator 1.
3
−INCMP1
Negative Input, Comparator 1.
4
OUTCMP1
Output, Comparator 1.
5
VS+_CMP
Positive Power Supply, Comparator. Must be connected to VS+.
6
OUTCMP2
Output, Comparator 2.
7
−INCMP2
Negative Input, Comparator 2.
8
+INCMP2
Positive Input, Comparator 2.
9
VS−_CMP
Negative Power Supply, Comparator. Must be connected to VS−.
11, 14, 17, 22, 33
VS−
Negative Power Supply, Equalizer Sections.
12
OUTB
Output, Blue Channel.
13, 16, 19, 29, 36
VS+
Positive Power Supply, Equalizer Sections.
15
OUTG
Output, Green Channel.
18
OUTR
Output, Red Channel.
23
VOFFSET
Output Offset Control Voltage.
24, 39
GND
Signal Ground Reference.
25
VGAIN
Broadband Flat Gain Control Voltage.
26
VPEAK
Equalizer High Frequency Boost Control Voltage.
27
VPOLE
Equalizer Pole Location Adjustment Control Voltage.
28
PD
Power Down.
31
+INR
Positive Input, Red Channel.
32
−INR
Negative Input, Red Channel.
34
+ING
Positive Input, Green Channel.
35
−ING
Negative Input, Green Channel.
37
+INB
Positive Input, Blue Channel.
38
−INB
Negative Input, Blue Channel.
EPAD
Exposed Paddle. Exposed paddle on the bottom of the package must be connected to a
PCB plane to achieve specified thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com