Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8124ACPZ-R7
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8124ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
AD8124
Rev. A | Page 3 of 15
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden Cable (BL-7987R), VOFFSET = 0 V, VPEAK, VGAIN, and VPOLE are set to recommended settings shown in
Figure 16, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
10% to 90% Rise/Fall Time
VOUT = 2 V step, 200 meters Cat-5
8
ns
Settling Time to 2%
VOUT = 2 V step, 200 meters Cat-5
47
ns
–3 dB Large Signal Bandwidth
VOUT = 2 V p-p, <10 meters Cat-5
110
MHz
VOUT = 2 V p-p, 200 meters Cat-5
52
MHz
Integrated Output Voltage Noise
200 meter setting, integrated to 160 MHz
4
mV rms
INPUT DC PERFORMANCE
Input Voltage Range
−IN and +IN
±3.0
V
Maximum Differential Voltage Swing
4
V p-p
Voltage Gain
ΔVO/ΔVI, VGAIN set for 0 meters of cable
1
V/V
Common-Mode Rejection Ratio (CMRR)
At dc, VPEAK = VGAIN = VPOLE = 0 V
−86
dB
At dc, VPEAK = 1.15 V, VGAIN = 1.4 V, VPOLE = 1.5 V
−65
dB
At 1 MHz, VPEAK = 1.15 V, VGAIN = 1.4 V, VPOLE = 1.5 V
−50
dB
Input Resistance
Common mode
4.4
MΩ
Differential
3.7
MΩ
Input Capacitance
Common mode
1.0
pF
Differential
0.5
pF
Input Bias Current
2.4
µA
VOFFSET Pin Current
30
µA
VGAIN Pin Current
0.5
µA
VPEAK Pin Current
0.4
µA
VPOLE Pin Current
0.4
µA
ADJUSTMENT PINS
VPEAK Input Voltage Range
Relative to GND
0 to 1.5
V
VPOLE Input Voltage Range
Relative to GND
0 to 1.5
V
VGAIN Input Voltage Range
Relative to GND
0 to 1.5
V
VOFFSET to OUT Gain
OUT/VOFFSET, range limited by output swing
1
V/V
Maximum Flat Gain
VGAIN = 1.5 V
1.9
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
150 Ω load
−3.75 to +3.69
V
1 kΩ load
−3.66 to +3.69
V
Output Offset Voltage
Referred to output, VPEAK = VGAIN = VPOLE = 0 V
24
mV
Referred to output, VPEAK = 1.15 V, VGAIN = 1.4 V,
VPOLE = 1.5 V
37
mV
Output Offset Voltage Drift
Referred to output
33
µV/°C
POWER SUPPLY
Operating Voltage Range
±4.5
±5.5
V
Positive Quiescent Supply Current
132
mA
Negative Quiescent Supply Current
126
mA
Supply Current Drift, ICC/IEE
80
µA/°C
Positive Power Supply Rejection Ratio
DC, referred to output
−51
dB
Negative Power Supply Rejection Ratio
DC, referred to output
−63
dB
Power Down, VIH (Minimum)
Minimum Logic 1 voltage
1.1
V
Power Down, VIL (Maximum)
Maximum Logic 0 voltage
0.8
V
Positive Supply Current, Powered Down
VPEAK = VGAIN = VPOLE = 0 V
1.1
µA
Negative Supply Current, Powered Down
VPEAK = VGAIN = VPOLE = 0 V
0.7
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com