Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8124ACPZ-R7
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8124ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8124
Data Sheet
Rev. A | Page 8 of 15
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
50
100 150 200 250 300 350 400 450 500
TIME (ns)
50m
200m
Figure 10. Pulse Response for Various Cable Lengths (2 MHz)
1000
100
0
100k
1M
10M
100M
FREQUENCY (Hz)
0m
200m
Figure 11. Output Voltage Noise vs. Frequency for Various Cable Lengths
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
0.1
1
10
100
FREQUENCY (MHz)
VGAIN = 0V, VPEAK = 0V, VPOLE = 0V
VGAIN = 1.4V, VPEAK = 1.15V, VPOLE = 1.5V
Figure 12. CMRR vs. Frequency
1.5
1.0
0.5
–0.5
–1.0
0
–1.5
0
2
4
6
8
10
TIME (µs)
50m
200m
Figure 13. Pulse Response for Various Cable Lengths (100 kHz)
6
5
4
3
2
1
0
25
50
75
100
125
150
175
200
CABLE LENGTH (meters)
Figure 14. Integrated Output Voltage Noise vs. Cable Lengths
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 0V, VPEAK = 0V, VPOLE = 0V
VGAIN = 1.4V, VPEAK = 1.15V, VPOLE = 1.5V
Figure 15. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com