Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8124ACPZ-R7
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8124ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD8124
Data Sheet
Rev. A | Page 14 of 15
A suitable filter that uses a surface-mount ferrite bead is shown
in Figure 27, and its frequency response is shown in Figure 28.
Because the frequency response was taken using a 50 Ω network
analyzer and with only one 0.1 μF capacitor on the AD8124 side,
the actual amount of rejection provided by the filter in a real-world
application is different from that shown in Figure 28. The general
shape of the rejection curve, however, matches Figure 28, providing
substantially increased overall PSRR from approximately 5 MHz to
500 MHz, where it is most needed. One filter is required on each
of the two supplies (not one filter per supply pin).
FAIR-RITE
2743021447
*ALL AD8124 SUPPLY PINS ARE INDIVIDUALLY
DECOUPLED WITH A 0.1µF CAPACITOR.
0.1µF
4700pF
4700pF
SYSTEM
SUPPLY
TO AD8124*
Figure 27. Power Supply Filter
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 28. Power Supply Filter Frequency Response in a 50 Ω System
LAYOUT AND POWER SUPPLY DECOUPLING
CONSIDERATIONS
Standard high speed PCB layout practices should be adhered
to when designing with the AD8124. A solid ground plane is
required and controlled impedance traces should be used when
interconnecting the high speed signals. Source termination resistors
on all outputs must be placed as close as possible to the output pins.
The exposed paddle on the underside of the AD8124 must be
connected to a pad that connects to at least one PCB plane.
Several thermal vias should be used to make the connection
between the pad and the plane(s).
High quality 0.1 μF power supply decoupling capacitors should
be placed as close as possible to all supply pins. Small surface-
mount ceramic capacitors should be used, and tantalum capacitors
are recommended for bulk supply decoupling.
POWER-DOWN
The power-down feature is intended to be used to reduce power
consumption when a particular device is not in use and does
not place the output in a high-Z state when asserted. The input
logic levels and supply current in power-down mode are presented
in the Power Supply section of Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com