Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8124ACPZ-R7
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8124ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
AD8124
Rev. A | Page 7 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden Cable (BL-7987R), VOFFSET = 0 V, VPEAK, VGAIN, and VPOLE are set to recommended settings shown in
Figure 16, unless otherwise noted.
4
3
2
1
0
–1
–2
–3
–4
–5
–6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VPEAK = 0V
VPOLE = 0V
VO = 1V p-p
VGAIN = 0V
VGAIN = 0.6V
VGAIN = 1.5V
Figure 4. Frequency Response for Various VGAIN Without Cable
40
30
20
10
0
–10
–20
–30
–40
–50
–60
100k
1M
10M
100M
FREQUENCY (Hz)
VPEAK = 0V
VPEAK = 1.5V
VGAIN = 0.6V
VPOLE = 1.5V
VO = 1V p-p
Figure 5. Frequency Response for Various VPEAK Without Cable
40
30
20
10
0
–10
–20
–30
–40
–50
–60
100k
1M
10M
100M
FREQUENCY (Hz)
VPOLE = 0V
VPOLE = 1.5V
VGAIN = 0.6V
VPEAK = 1.5V
VO = 1V p-p
Figure 6. Frequency Response for Various VPOLE Without Cable
3
0
–3
–6
–9
–12
100k
1M
10M
100M
FREQUENCY (Hz)
VO = 2V p-p
50m
100m
150m
200m
Figure 7. Equalized Frequency Response for Various Cable Lengths
120
100
80
60
40
20
0
25
50
75
100
125
150
175
200
CABLE LENGTH (meters)
VOUT = 2V p-p
Figure 8. Equalized −3 dB Bandwidth vs. Cable Length
–6
–4
–2
0
2
4
6
0
50
100 150 200 250 300 350 400 450 500
TIME (ns)
INPUT
OUTPUT
VGAIN = 0.6V
VPEAK = 0V
VPOLE = 0V
Figure 9. Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com