Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8124ACPZ-R7
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8124ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8124ACPZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Data Sheet
AD8124
Rev. A | Page 15 of 15
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.25 MIN
4.45
4.30 SQ
4.25
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10
Figure 29. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.75 mm Package Height
(CP-40-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8124ACPZ
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-10
AD8124ACPZ-R7
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-10
AD8124ACPZ-RL
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-10
1
Z = RoHS Compliant Part.
©2011–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09601-0-12/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com