Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8134ACPZ-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8134ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8134
Data Sheet
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
AD8134
TOP VIEW
OPD
VS–
–IN R
+IN R
VS–
SYNC LEVEL
VS+ (SYNC)
–IN B
+IN B
VS–
–OUT R
NOTES
1. EXPOSED PAD. THE EXPOSED PADDLE MUST BE SOLDERED TO A PAD
ON TOP OF THE BOARD THAT IS CONNECTED TO AN INNER PLANE
WITH SEVERAL THERMAL VIAS.
–OUT B
Figure 4. 24-Lead LFCSP
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OPD
Output Pull Down.
2, 5, 14, 21
VS−
Negative Power Supply Voltage.
3
−IN R
Inverting Input, Red Amplifier.
4
+IN R
Noninverting Input, Red Amplifier.
6
−OUT R
Negative Output, Red Amplifier.
7
+OUT R
Positive Output, Red Amplifier.
8, 11, 17, 24
VS+
Positive Power Supply Voltage.
9
+OUT G
Positive Output, Green Amplifier.
10
−OUT G
Negative Output, Green Amplifier.
12
+OUT B
Positive Output, Blue Amplifier.
13
−OUT B
Negative Output, Blue Amplifier.
15
+IN B
Noninverting Input, Blue Amplifier.
16
−IN B
Inverting Input, Blue Amplifier.
18
SYNC LEVEL
The voltage applied to this pin controls the amplitude of the sync pulses that are applied to
the common-mode voltages.
19
HSYNC
Horizontal Sync Pulse Input.
20
VSYNC
Vertical Sync Pulse Input.
22
+IN G
Noninverting Input, Green Amplifier.
23
−IN G
Inverting Input, Green Amplifier.
EPAD
Exposed Pad. The exposed paddle must be soldered to a pad on top of the board that is connected to an
inner plane with several thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com