Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8134ACPZ-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8134ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8134
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 13
Definition of Terms.................................................................... 13
Analyzing an Application Circuit............................................. 13
Closed-Loop Gain ...................................................................... 13
Calculating an Application Circuit’s Input Impedance ......... 14
Input Common-Mode Voltage Range in Single-Supply
Applications ................................................................................ 14
Driving a Capacitive Load......................................................... 14
Output Pull-Down (OPD) ........................................................ 14
Sync-On-Common-Mode......................................................... 15
Applications..................................................................................... 16
Driving RGB Video Over Cat-5 Cable .................................... 16
How to Apply the Output Pull-Down Feature ....................... 17
KVM Networks........................................................................... 17
Video Sync-On-Common-Mode ............................................. 17
Level-Shifting Sync Pulses on ±5 V Supplies.......................... 18
Layout and Power Supply Decoupling Considerations......... 19
Amplifier-to-Amplifier Isolation ............................................. 19
Exposed Paddle (EP).................................................................. 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
3/16—Rev. A to Rev. B
Changed CP-24 to CP-24-10.............................................Universal
Changes to Figure 4 and Table 5..................................................... 6
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 19
10/05—Rev. Sp0 to Rev. A
Changes to Features and General Description ............................. 1
Changes to Figure 32...................................................................... 14
Changes to Figure 33...................................................................... 15
Changes to Figure 34...................................................................... 17
Added Level-Shifting Sync Pulses on ±5 V Supplies Section... 17
Changes to Ordering Guide .......................................................... 19
7/04—Revision Sp0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com