Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8134ACPZ-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8134ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8134
Data Sheet
Rev. B | Page 16 of 20
APPLICATIONS
DRIVING RGB VIDEO OVER CAT-5 CABLE
The AD8134 is a device whose foremost application is driving
RGB video signals over UTP cable in KVM networks. Single-
ended video signals are easily converted to differential signals
for transmission over the cable, and the internally fixed gain of
2 automatically compensates for the losses incurred by the
source and load terminations. The AD8134 can be used in all of
the typical KVM network topologies, including daisy-chained,
star, and point-to-point. Figure 33 shows the AD8134 in a
triple, single-ended-to-differential application in a daisy-
chained network when driven from a 75 Ω video source.
UTP R
UTP G
UTP B
R
1.5k
RED
VIDEO
SOURCE
GREEN
VIDEO
SOURCE
BLUE
VIDEO
SOURCE
1.5k
AD8134
750
80.6
38.3
38.3
38.3
750
49.9
49.9
75
G
1.5k
1.5k
750
80.6
OUTPUT
PULL-DOWN
750
49.9
49.9
75
B
1.5k
1.5k
750
80.6
750
OPD
49.9
49.9
75
0.1
F ON ALL
VS+ PINS
+5V
VS+
VS–
Figure 33. AD8134 in Single-Ended-to-Differential Application on Single 5 V Supply (Sync Pulse Encoding Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com