Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8134ACPZ-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8134ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD8134
Rev. B | Page 15 of 20
SYNC-ON-COMMON-MODE
The AD8134 drives RGB video signals over UTP cable. The
balance of the differential outputs is trimmed to ensure low
radiated energy from each of the twisted pairs. The common-
mode outputs of each of the R, G, and B differential outputs
are set using the circuit in Figure 32. This circuit embeds the
horizontal and vertical sync pulses on the three common-mode
outputs in a way that also results in low radiated energy. For a
more detailed description of the sync scheme, see the
Applications section.
The sync-on-common-mode circuit generates a current based
on the SYNC LEVEL input pin (Pin 18). With SYNC LEVEL
input tied to VS−, the common-mode output of all drivers is set
at (VS+ + VS−)/2. Using a resistor divider, a voltage can be
applied between VS− and SYNC LEVEL that determines the
maximum deviation of the common-mode outputs from their
midsupply level. If, for instance, SYNC LEVEL − VS− = 0.5 V
and the supply voltage is 5 V, then the common-mode outputs
fall within an envelope of 2.5 V ± 0.5 V. The state of each VOUT,cm
output based on the HSYNC and VSYNC inputs is determined by
the equations defined in the Applications section.
On a single 5 V supply, the sync-on-common-mode circuit can
be used by directly applying the HSYNC and VSYNC signals to the
respective AD8134 inputs. The logic thresholds of the HSYNC and
VSYNC inputs are nominally set at (VS+ − VS−)/4, using a resistor
divider with an impedance of approximately 200 kΩ. This
allows the inputs to be driven beyond the rails without logic
inversion and maintains fast switching speeds. The robustness
of the HSYNC and VSYNC inputs therefore allows them to be driven
directly off the output of a computer video card without concern of
overdriving the inputs. The input path from HSYNC and VSYNC
inputs to the switches in the current mode level-shifting circuit
are well matched to eliminate false switching transients. This
maximizes common-mode balance and minimizes radiated
energy.
The sync-on-common-mode circuit can be used with ±5 V
supplies, but in this case, the HSYNC and VSYNC logic signals
require level-shifting. Level-shifting details are provided in the
Applications section.
H
V
V
H
H
R
R
R
R
R
R
H
V
VS–
BLUE VOCM
SYNC LEVEL
HSYNC
VSYNC
VS+
H
V
H
R
V
MIRROR
MIRROR
V
V
V
RED VOCM
GREEN VOCM
Figure 32. Sync-On-Common-Mode Simplified Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com