Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8134ACPZ-R2
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8134ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8134ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8134
Data Sheet
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, RL,dm = 200, TA = 25°C, HSYNC and VSYNC = VS−, unless otherwise noted.
FREQUENCY (MHz)
–3
1
10
100
1000
9
0
3
6
–40°C
+25°C
+85°C
VOUT, dm = 200mV p-p
Figure 6. Small Signal Frequency Response at Various Temperatures
FREQUENCY (MHz)
9
6
0
3
–3
–6
1
10
100
1000
VS = +5V
VOUT, dm = 2V p-p
VS = ±5V
Figure 7. Large Signal Frequency Response for Various Power Supplies
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0.1
1
10
100
RL, dm = 200Ω
RL, dm = 1000Ω
VS = +5V
VOUT, dm = 2V p-p
Figure 8. Second Harmonic Distortion at VS = 5 V at Various Loads
FREQUENCY (MHz)
–3
1
10
100
1000
9
0
3
6
VOUT, dm = 2V p-p
+85°C
–40°C
+25°C
Figure 9. Large Signal Frequency Response at Various Temperatures
FREQUENCY (MHz)
6.9
6.7
6.6
6.4
6.2
6.0
6.8
6.3
6.5
6.1
5.9
1
10
100
1000
VOUT, dm = 200mV p-p
VOUT, dm = 2V p-p
Figure 10. 0.1 dB Flatness
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
RL, dm = 1000Ω
RL, dm = 200Ω
VS = +5V
VOUT, dm = 2V p-p
Figure 11. Third Harmonic Distortion at VS = 5 V at Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com