Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8142ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8142ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 3 of 24
SPECIFICATIONS
VS+ = 5 V, VS− = 0 V, RL,dm = 200 Ω, TA = 25°C, VOCM = 1.5 V (AD8141), HSYNC, VSYNC, and SYNC LEVEL = 0 V (AD8142), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
Dynamic Performance
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p, AD8141/AD8142
275/285
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p, AD8141/AD8142
255/265
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p
65
MHz
Slew Rate
VO = 2 V p-p, 25% to 75% (rise/fall)
1150/1250
V/µs
Settling Time to 0.1%
VO = 2 V step
12
ns
Isolation Between Amplifiers
f = 10 MHz, between Amplifier R and
Amplifier G
−100
dB
Differential Input Characteristics
Input Common-Mode Voltage Range
VOCM = Vs+/2
VS− + 0.2
VS+ − 1
V
Input Resistance
Differential
2
kΩ
Single-ended input
1.5
kΩ
Input Capacitance
Differential
2
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm, ΔVIN, cm = ±1 V
−60
dB
Differential Output Characteristics
Differential Signal Gain
ΔVOUT, dm/ΔVIN, dm, ΔVIN, dm = ±1 V
1.95
2
2.04
V/V
Output Voltage Swing
Each single-ended output
VS− + 0.18
VS+ − 0.4
V
Output Offset Voltage
−70
1.5
+70
mV
Output Offset Drift
TMIN to TMAX
±30
µV/°C
Output Balance Error
f = 50 MHz
−50
dB
DC
−66
−43
dB
Output Voltage Noise (RTO)
f = 20 MHz
41
nV/√Hz
Maximum Number of Parallel Loads
1.4 V p-p into 200 Ω per load
4
Loads
COMMON-MODE INPUT PERFORMANCE (AD8141)
VOCM Dynamic Performance
−3 dB Bandwidth
ΔVOCM = 100 mV p-p
114
MHz
Slew Rate
VOCM = 0.5 V to 2.5 V, 25% to 75% (rise/fall)
130/155
V/µs
DC Gain
ΔVOCM = ±1 V
0.98
1.00
1.02
V/V
VOCM Input Characteristics
Input Voltage Range
VS− + 0.2
VS+ − 0.2
V
Input Resistance
Thevenin to midsupply
2.8
kΩ
Input Offset Voltage
−87
−30
+26
mV
DC CMRR
ΔVOUT, dm/ΔVOCM; ΔVOCM = ±1 V
−60
dB
COMMON-MODE SYNC PERFORMANCE (AD8142)
Slew Rate
VOUT, cm = 0.5 V to +2.5 V; 25% to 75%
(rise/fall)
130/155
V/µs
Nominal Output Common-Mode Level
VS− + 1.5
V
HSYNC AND VSYNC INPUTS (AD8142)
Input Low Voltage
Referenced to GND
0 to 1.6
V
Input High Voltage
Referenced to GND
1.9 to 5
V
SYNC LEVEL INPUT (AD8142)
Input Voltage Range
Referenced to VS−
VS−
VS− + 1
V
Setting to Achieve 0.5 V Pulse Levels
Referenced to VS−
VS− + 0.5
V
Gain to Red Common-Mode Output
ΔVOUT, cm/ΔVSYNC LEVEL
0.85
1.00
1.15
V/V
Gain to Green Common-Mode Output
ΔVOUT, cm/ΔVSYNC LEVEL
1.80
2.00
2.20
V/V
Gain to Blue Common-Mode Output
ΔVOUT, cm/ΔVSYNC LEVEL
−1.15
−1.00
−0.85
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com