Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8142ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8142ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 7 of 24
DIS
VS–/GND
–IN R
+IN R
VS–/GND
–OUT R
+IN B
–IN B
VS+
SYNC LEVEL
VS–/GND
–OUT B
NOTES
1. CONNECT EXPOSED PADDLE TO GROUND.
2
1
3
4
5
6
18
17
16
15
14
13
AD8142
TOP VIEW
(Not to Scale)
Figure 5. AD8142 Pin Configuration
Table 5. AD8142 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DIS
Disable. This pin places outputs in high-Z condition and lowers supply current.
2, 5, 14, 21
VS−/GND
Negative Power Supply Voltage. GND is for single 5 V applications.
3
−IN R
Inverting Input, Red Amplifier.
4
+IN R
Noninverting Input, Red Amplifier.
6
−OUT R
Negative Output, Red Amplifier.
7
+OUT R
Positive Output, Red Amplifier.
8, 11, 17, 24
VS+
Positive Power Supply Voltage.
9
+OUT G
Positive Output, Green Amplifier.
10
−OUT G
Negative Output, Green Amplifier.
12
+OUT B
Positive Output, Blue Amplifier.
13
−OUT B
Negative Output, Blue Amplifier.
15
+IN B
Noninverting Input, Blue Amplifier.
16
−IN B
Inverting Input, Blue Amplifier.
18
SYNC LEVEL
The voltage applied to this pin with respect to VS−/GND controls the amplitude of the sync pulses
that are applied to the common-mode voltages.
19
HSYNC
Horizontal Sync Pulse Input with Respect to Ground.
20
VSYNC
Vertical Sync Pulse Input with Respect to Ground.
22
+IN G
Noninverting Input, Green Amplifier.
23
−IN G
Inverting Input, Green Amplifier.
EPAD
Connect Exposed Paddle to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com