Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8142ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8142ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 21 of 24
AD8142
+
–
49.9Ω
1kΩ
38.3Ω
80.6Ω
–0.10V
–0.34V
1kΩ
2kΩ
+2.5V
–2.5V
2kΩ
100Ω
100Ω
UTP
49.9Ω
0.7V
–1.0V
–0.3V
–1.0V
–1.0V
–1.7V
0.7V
0V
75Ω
VIDEO
SOURCE
1.4V
–1.0V
–1.7V
–0.3V
0.5V
AD8142 KEY SIGNAL LEVELS ON SINGLE ±2.5V SUPPLIES
AD8142 OUTPUT SIGNAL LEVELS INCLUDING COMMON-MODE HSYNC PULSES
Figure 45. AD8142 Key Signal Levels on ±2.5 V Supplies; Upper Drawing Shows Schematic, and Lower Drawing Shows Output Signals with HSYNC Pulses
DRIVING MULTIPLE OUTPUTS
The AD8141/AD8142 can drive four parallel UTP cables (50 Ω
differential load) with only 1.5% reduction in output swing (see
Figure 46). As is expected, driving fewer parallel cables results in
less output swing reduction.
49.9Ω
100Ω
UTP
49.9Ω
100Ω
49.9Ω
100Ω
UTP
49.9Ω
100Ω
49.9Ω
100Ω
UTP
49.9Ω
100Ω
49.9Ω
100Ω
UTP
49.9Ω
100Ω
AD8141/AD8142
+
–
VOCM
Figure 46. Driving Four UTP Cables in Parallel
VIDEO SYNC-ON-COMMON-MODE (AD8142)
In computer video applications, the horizontal and vertical sync
signals are most often separate from the video information signals.
For example, in typical computer monitor applications, the red,
green, and blue (RGB) color signals are transmitted over separate
cables, as are the vertical and horizontal sync signals. When
transmitting these types of video signals over long distances
on UTP cable, it is desirable to reduce the required number of
physical channels. One way to do this is to encode the vertical and
horizontal sync signals as weighted sums and differences of the
output common-mode signals. The RGB color signals are each
transmitted differentially over separate physical channels. The
fact that the differential and common-mode signals are orthogonal
allows the RGB color and sync signals to be separated at the
channel’s receiver.
Cat-5 type cable contains four balanced twisted-pair physical
channels that can support both differential and common-mode
signals. Transmitting typical computer monitor video over this
cable can be accomplished by using three of the twisted pairs for
the RGB and sync signals. Each color is transmitted differentially,
one on each of the three pairs. The encoded sync signals are
transmitted among the common-mode signals of each of the
three pairs. To minimize EMI from the sync signals, the common-
mode signals on each of the three pairs produced by the sync
encoding scheme induce electric and magnetic fields that, for
the most part, cancel each other. A conceptual block diagram
of the sync encoding scheme is presented in Figure 47. Because
the AD8142 has the sync encoding scheme implemented internally,
the user simply applies the horizontal and vertical sync signals
directly to the appropriate inputs. As described in the Theory of
Operation section, the AD8142 accepts ground-referenced logic-
level sync pulses (see Table 1 for the exact levels). In many cases,
the sync pulses can be applied directly from video card VGA
connector outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com