Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8142ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8142ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, Triple Differential Drivers
for Wideband Video
Data Sheet
AD8141/AD8142
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Triple, high speed differential drivers
255 MHz, −3 dB large signal bandwidth
65 MHz, 0.1 dB flatness
1150 V/μs slew rate
12 ns settling time
Single 5 V or split supply operation
Fixed gain of 2
Internal common-mode feedback network
Output balance error −50 dB at 50 MHz
AD8142 has integrated sync-on-common-mode circuitry
High-Z output when disabled
Differential-to-differential or single-ended-to-differential
operation
High isolation between amplifiers: −100 dB at 10 MHz
Low power: 44 mA at 5 V
Available in space-saving packaging: 4 mm × 4 mm LFCSP
APPLICATIONS
Keyboard-video-mouse (KVM) networking
Video distribution
Digital signage
Security cameras
GENERAL DESCRIPTION
The AD8141 and AD8142 are triple, low cost, differential or
single-ended-input-to-differential-output drivers. Each amplifier
has a fixed gain of 2 to compensate for the attenuation of the
line termination resistors. The AD8141 and AD8142 are
specifically designed for RGB signals but can be used for any
type of signals. The amplifiers have very fast slew rate and
settling time while being manufactured on a cost effective
CMOS process. They are optimized for high resolution video
performance with a 0.1 dB flatness of 65 MHz, which allows
driving high resolution video over any type of UTP cable.
The drivers have an internal common-mode feedback loop
that provides output amplitude and phase matching, achieving
−50 dB balance error at 50 MHz and thereby suppressing even-
order harmonics and minimizing radiated electromagnetic
interference (EMI).
FUNCTIONAL BLOCK DIAGRAMS
1
DIS
2
VS–/GND
3
–IN A
4
+IN A
5
VS–/GND
6
–OUT A
15 +IN C
16 –IN C
17 VS+
18
24 23 22 21 20 19
VOCMC
14 VS–/GND
13
12
11
10
9
8
7
–OUT C
+
+
+
AD8141
Figure 1.
24 23 22 21 20 19
12
11
10
9
8
7
+
+
+
AD8142
15
16
17
18
14
13
1
2
3
4
5
6
DIS
VS–/GND
–IN R
+IN R
VS–/GND
–OUT R
+IN B
–IN B
VS+
SYNC LEVEL
VS–/GND
–OUT B
×2
Figure 2.
The AD8142 includes a unique sync-on-common-mode feature
that allows the user to transmit balanced horizontal and vertical
video sync signals over the three common-mode channels.
Additionally, the AD8141 and AD8142 both have a disable
feature that, when asserted, produces high-Z outputs, allowing
line isolation and easy multiplexing.
The AD8141 and AD8142 are available in a 24-lead 4 mm × 4 mm
LFCSP and operate over a temperature range of −40°C to +85°C.
They can be used with the AD8145 triple differential-to-single-
ended receiver, AD8123 triple equalizer, AD8120 triple delay
line, and the AD8117 or AD8175 crosspoint switches to produce
a high resolution video distribution system.


Similar Part No. - AD8142ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8142ACPZ-R2 AD-AD8142ACPZ-R2 Datasheet
477Kb / 24P
Low Cost, Triple Differential Drivers
REV. 0
More results

Similar Description - AD8142ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
Calogic, LLC
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
Low Cost Triple CRT Driver
CVA2405T CALOGIC-CVA2405T Datasheet
53Kb / 4P
Low Cost Triple CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
Low Cost Triple CRT Driver
logo
Texas Instruments
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
Faraday Technology
HJYUVF FARADAY-HJYUVF Datasheet
66Kb / 2P
LOW COST TRIPLE HDTV FILTERS
logo
Analog Devices
AD8141 AD-AD8141 Datasheet
477Kb / 24P
Low Cost, Triple Differential Drivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com