Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8142ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8142ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8142ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 12 of 24
4.85
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
4.80
4.75
4.70
4.65
4.60
4.55
4.50
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
SINGLE-ENDED OUTPUT VOLTAGE
POSITIVE SWING
NEGATIVE SWING
Figure 30. Output Saturation vs. Temperature
3
0
–3
–6
–9
–12
1
10
100
1k
FREQUENCY (MHz)
∆VOUT, cm/∆VOCM
VOUT, cm = 100mV p-p
Figure 31. VOCM Frequency Response (AD8141)
4.0
3.5
3.0
2.5
2.0
0
1.5
1.0
0.5
0
10
20
30
4050
60
7080
90
100
TIME (ns)
VS+ = 5V
VS– = 0V
VOCM = 2.5V
VOCM = 1.5V
Figure 32. VOCM Large Signal Transient Response (AD8141)
–40
–45
–50
–55
–60
–65
–70
–75
1
10
100
1k
FREQUENCY (MHz)
∆VOUT, dm/∆VOCM
∆VOCM = 2V p-p
Figure 33. VOCM Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com