Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F080 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EN29F080 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
2
EN29F080
Rev. C, Issue Date: 2001/07/05
CONNECTION DIAGRAMS
TABLE 1. PIN DESCRIPTION
FIGURE 1. LOGIC DIAGRAM
Pin Name
Function
A0-A19
Addresses
DQ0-DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
Hardware Reset Pin
Ready/Busy Output
WE
Write Enable
Vcc
Supply Voltage
(5V
± 10% )
Vss
Ground
NC
Internally connected
pin
EN29F080
8
DQ0 - DQ7
A0 - A19
20
WE
CE
OE
RY/BY
Reset
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
Standard
TSOP
A19
A18
A17
A16
A15
A14
A13
A12
CE#
VCC
NC
RESET#
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
WE#
OE#
RY/BY#
DQ7
DQ6
DQ5
DQ4
VCC
VSS
VSS
DQ3
DQ2
DQ1
DQ0
A0
A1
A2
A3
Reset
RY/BY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com