Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F080 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN29F080 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
1
EN29F080
Rev. C, Issue Date: 2001/07/05
FEATURES
• 5.0V ± 10%, single power supply operation
- Minimizes system level power requirements
• Manufactured on 0.35 µm process technology
• High performance
- Access times as fast as 45 ns
• Low power consumption
- 25 mA typical active read current
- 30 mA typical program/erase current
- 1 µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- 16 uniform sectors of 64Kbytes each
- Supports full chip erase
- Individual sector erase supported
- Group sector protection:
Hardware method of locking of sector groups
to prevent any program or erase operations
within that sector group
Additionally, temporary Sector Group
Unprotect allows code changes in previously
locked sectors
• High performance program/erase speed
- Byte program time: 10µs typical
- Sector erase time: 500ms typical
- Chip erase time: 16s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 30mA active read current
- 30mA program/erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another Sector during
Erase Suspend Mode
• 0.35 µm double-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• >100K program/erase endurance cycle
• Ready/Busy# output (RY/BY#)
- Provides a hardware method for detecting
program or erase cycle completion.
• Hardware reset pin (Reset#)
- Resets internal state machine to read mode
GENERAL DESCRIPTION
The EN29F080 is a 8-Megabit, electrically erasable, read/write non-volatile flash memory. Organized
into 1024K words with 8 bits per word, the 8M of memory is arranged in eight uniform sectors of
64Kbytes each.
Any byte can be programmed typically in 10µs.
The EN29F080 features 5.0V
voltage read and write operation, with access times as fast as 45ns to eliminate the need for WAIT
states in high-performance microprocessor systems.
The EN29F080 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable ( WE )
controls, which eliminate bus contention issues. This device is designed to allow either single (or
multiple) Sector or full chip erase operation, where each Sector can be individually protected against
program/erase operations or temporarily unprotected to erase or program. The device can sustain a
minimum of 100K program/erase cycles on each Sector.
EN29F080
8 Megabit (1024K x 8-bit) Flash Memory


Similar Part No. - EN29F080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F080

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com