Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F080 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EN29F080 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
13
EN29F080
Rev. C, Issue Date: 2001/07/05
the embedded Program or Erase operation is complete, DQ6 will stop toggling and valid data will be
read on the next successive attempts. During Byte Programming, the Toggle Bit is valid after the
rising edge of the fourth WE pulse in the four-cycle sequence. For Chip Erase, the Toggle Bit is valid
after the rising edge of the sixth-cycle sequence. For Sector Erase, the Toggle Bit is valid after the
last rising edge of the Sector Erase WE pulse. The Toggle Bit is also active during the sector erase
time-out window.
In Byte Programming, if the sector being written to is protected, DQ6 will toggles for about 2
µs, then
stop toggling without the data in the sector having changed. In Sector Erase or Chip Erase, if all
selected blocks are protected, DQ6 will toggle for about 100
µs. The chip will then return to the read
mode without changing data in all protected blocks.
Toggling either
CE or OE will cause DQ6 to toggle.
The flowchart for the Toggle Bit (DQ6) is shown in Flowchart 6. The Toggle Bit timing diagram is
shown in Figure 9.
DQ5 Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit.
Under these conditions DQ5 produces a “1.” This is a failure condition that indicates the program or erase
cycle was not successfully completed.
The DQ5 failure condition may appear if the system tries to program a “1” to a location that is previously
programmed to “0.” Only an erase operation can change a “0” back to a “1.” Under this condition, the
device halts the operation, and when the operation has exceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue the reset command to return the device to reading
array data.
DQ3 Sector Erase Timer
After writing a sector erase command sequence, the output on DQ3 can be used to determine whether or
not an erase operation has begun. (The sector erase timer does not apply to the chip erase command.)
When sector erase starts, DQ3 switches from “0” to “1.” This device does not support multiple sector
erase command sequences so it is not very meaningful. Future devices may support this feature.
DQ2 Erase Toggle Bit
The “Toggle Bit” on DQ2, when used with DQ6, indicates whether a particular sector is actively erasing
(that is, the Embedded Erase algorithm is in progress), or whether that sector is erase-suspended. Toggle
Bit II is valid after the rising edge of the final WE# pulse in the command sequence. DQ2 toggles when
the system reads at addresses within those sectors that have been selected for erasure. (The system may
use either OE# or CE# to control the read cycles.) But DQ2 cannot distinguish whether the sector is
actively erasing or is erase-suspended. DQ6, by comparison, indicates whether the device is actively
erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for era-sure. Thus,
both status bits are required for sector and mode information. Refer to Table 5 to compare outputs for
DQ2 and DQ6.
Flowchart 6 shows the toggle bit algorithm, and the section “DQ2: Toggle Bit” explains the algorithm. See
also the “DQ6: Toggle Bit I” subsection. Refer to the Toggle Bit Timings figure for the toggle bit timing
diagram. The DQ2 vs. DQ6 figure shows the differences between DQ2 and DQ6 in graphical form.
Reading Toggle Bits DQ6/DQ2
Refer to Flowchart 6 for the following discussion. Whenever the system initially begins reading toggle bit
status, it must read DQ7–DQ0 at least twice in a row to determine whether a toggle bit is toggling.
Typically, a system would note and store the value of the toggle bit after the first read. After the second
read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com