Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F080 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EN29F080 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
3
EN29F080
Rev. C, Issue Date: 2001/07/05
TABLE 2. SECTOR ARCHITECTURE
Sector
ADDRESSES
SIZE (Kbytes)
A19
A18
A17
A16
15
F0000h - FFFFFh
64
1
1
1
1
14
E0000h - EFFFFh
64
1
1
1
0
13
D0000h - DFFFFh
64
1
1
0
1
12
C0000h - CFFFFh
64
1
1
0
0
11
B0000h - BFFFFh
64
1
0
1
1
10
A0000h - AFFFFh
64
1
0
1
0
9
90000h - 9FFFFh
64
1
0
0
1
8
80000h - 8FFFFh
64
1
0
0
0
7
70000h - 7FFFFh
64
0
1
1
1
6
60000h - 6FFFFh
64
0
1
1
0
5
50000h – 5FFFFh
64
0
1
0
1
4
40000h – 4FFFFh
64
0
1
0
0
3
30000h – 3FFFFh
64
0
0
1
1
2
20000h - 2FFFFh
64
0
0
1
0
1
10000h - 1FFFFh
64
0
0
0
1
0
00000h - 0FFFFh
64
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com