Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F080 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button EN29F080 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 26Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 27Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 28Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 29Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 31Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
28
EN29F080
Rev. C, Issue Date: 2001/07/05
SWITCHING WAVEFORMS
Figure 6. AC Waveforms for Chip/Sector Erase Operations Timings
Notes:
1. SA=Sector Address (for sector erase), VA=Valid Address for reading status, Dout=true data at read address.
2. Vcc shown only to illustrate tvcs measurement references. It cannot occur as shown during a valid command
sequence.
tDH
tDS
tBUSY
tWPH
tCH
tWP
tCS
tVCS
tRB
tWC
tAS
tAH
tGHWL
tWHWH2 or tWHWH3
0x2AA
SA
VA
VA
0x55
0x30
Status
DOUT
Addresses
CE#
OE#
WE#
Data
RY/BY#
VCC
0x555 for chip
erase
0x555 for chip
erase
Erase Command Sequence (last 2 cycles)
Read Status Data (last two cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com