Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6211CDD Datasheet(PDF) 9 Page - Linear Technology

Part # LT6211CDD
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211CDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6211CDD Datasheet HTML 5Page - Linear Technology LT6211CDD Datasheet HTML 6Page - Linear Technology LT6211CDD Datasheet HTML 7Page - Linear Technology LT6211CDD Datasheet HTML 8Page - Linear Technology LT6211CDD Datasheet HTML 9Page - Linear Technology LT6211CDD Datasheet HTML 10Page - Linear Technology LT6211CDD Datasheet HTML 11Page - Linear Technology LT6211CDD Datasheet HTML 12Page - Linear Technology LT6211CDD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT6210/LT6211
62101f
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (mA)
0
–3.0
–3.2
–3.4
–3.6
–3.8
–4.0
–4.2
–4.4
–4.6
–4.8
–5.0
40
50
60
70
6210 G13
10
20
30
VS = ±5V
VCM = 0V
∆VOS = 50mV
TA = 25°C
LOAD CURRENT (mA)
040
50
60
70
6210 G14
10
20
30
VS = ±1.5V
VCM = 0V
∆VOS = 50mV
TA = 25°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
LOAD CURRENT (mA)
040
50
60
70
6210 G15
10
20
30
VS = ±1.5V
VCM = 0V
∆VOS = 50mV
TA = 25°C
–0.1
–0.3
–0.5
–0.7
–0.9
–1.1
–1.3
–1.5
IS = 300µA
IS = 300µA
IS = 3mA
IS = 6mA
IS = 3mA
IS = 6mA
IS = 300µA
IS = 3mA
IS = 6mA
FREQUENCY (MHz)
9
6
3
0
–3
–6
0.1
10
100
1000
6210 G19
1
VS = ±5V
RL = 150Ω
TA = 25°C
VOUT = 100mVP-P
AV = 2
RF = RG = 887Ω
AV = –1
RF = RG = 698Ω
AV = 1
RF = 1.2k
FREQUENCY (MHz)
9
6
3
0
–3
–6
0.1
10
100
1000
6210 G20
1
VS = ±5V
RL = 150Ω
TA = 25°C
VOUT = 100mVP-P
AV = 2
RF = RG = 1100Ω
AV = –1
RF = RG = 1200Ω
FREQUENCY (MHz)
0.001
0.1
1
100
6210 G16
0.01
10
70
60
50
40
30
20
10
0
FREQUENCY (MHz)
0.001
0.1
1
100
0.01
10
70
60
50
40
30
20
10
0
FREQUENCY (MHz)
0.001
0.1
1
0.01
10
70
60
50
40
30
20
10
0
6210 G17
6210 G18
–PSRR
+PSRR
CMRR
–PSRR
+PSRR
CMRR
VS = ±5V
RL = 150Ω
TA = 25°C
VS = ±5V
RL = 150Ω
TA = 25°C
–PSRR
+PSRR
CMRR
VS = ±5V
RL = 1k
TA = 25°C
AV = 1
RF = 1690Ω
FREQUENCY (MHz)
9
6
3
0
–3
–6
0.1
10
100
6210 G21
1
VS = ±5V
RL = 150Ω
TA = 25°C
VOUT = 100mVP-P
AV = 2
RF = RG = 11k
AV = –1
RF = RG = 10k
AV = 1
RF = 13.7k
Output Voltage Swing vs ILOAD
CMRR and PSRR vs Frequency
(IS = 6mA per Amplifier)
CMRR and PSRR vs Frequency
(IS = 3mA per Amplifier)
CMRR and PSRR vs Frequency
(IS = 300µA per Amplifier)
Frequency Response vs Closed
Loop Gain (IS = 6mA per Amplifier)
Frequency Response vs Closed
Loop Gain (IS = 3mA per Amplifier)
Frequency Response vs Closed
Loop Gain (IS = 300µA per
Amplifier)
Output Voltage Swing vs ILOAD
Output Voltage Swing vs ILOAD
(Supply Current Is Measured Per Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com