Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6211CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LT6211CDD
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6211CDD Datasheet HTML 7Page - Linear Technology LT6211CDD Datasheet HTML 8Page - Linear Technology LT6211CDD Datasheet HTML 9Page - Linear Technology LT6211CDD Datasheet HTML 10Page - Linear Technology LT6211CDD Datasheet HTML 11Page - Linear Technology LT6211CDD Datasheet HTML 12Page - Linear Technology LT6211CDD Datasheet HTML 13Page - Linear Technology LT6211CDD Datasheet HTML 14Page - Linear Technology LT6211CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT6210/LT6211
62101f
TIME (10ns/DIV)
TIME (10ns/DIV)
TIME (100ns/DIV)
TIME (10ns/DIV)
TIME (10ns/DIV)
TIME (100ns/DIV)
VS = ±5V
VIN = ±25mV
RF = RG = 887Ω
RSET = 20k TO GND
RL = 150Ω
VS = ±5V
VIN = ±25mV
RF = RG = 1.1k
RSET = 56k TO GND
RL = 150Ω
VS = ±5V
VIN = ±25mV
RF = RG = 11k
RSET = 1M TO GND
RL = 1k
VS = ±5V
VIN = ±1.75V
RF = RG = 887Ω
RSET = 20k TO GND
RL = 150Ω
VS = ±5V
VIN = ±1.75V
RF = RG = 1.1k
RSET = 56k TO GND
RL = 150Ω
VS = ±5V
VIN = ±1.75V
RF = RG = 11k
RSET = 1M TO GND
RL = 1k
62101 G33
62101 G34
62101 G35
62101 G36
62101 G37
62101 G38
62101 G39
SUPPLY CURRENT PER AMPLIFIER (mA)
0.1
1
10
100
1000
110
AV = 2
VOUT = 100mVP-P
TA = 25°C
VS = ±1.5V
VS = ±5V
SUPPLY CURRENT PER AMPLIFIER (mA)
0.1
0
200
400
600
800
110
62101 G32
1000
100
300
500
700
900
VS = ±5V
AV = 2
VOUT = 7VP-P
TA = 25°C
RISING
EDGE RATE
FALLING
EDGE RATE
SUPPLY CURRENT PER AMPLIFIER (mA)
–30
–40
–50
HD2
HD3
62101 G31
–80
–60
–70
10
0.1
1
VS = ±5V
AV = 2
VOUT = 2VP-P
TA = 25°C
Small-Signal Transient Response
(IS = 6mA per Amplifier)
Small-Signal Transient Response
(IS = 3mA per Amplifier)
Small-Signal Transient Response
(IS = 300µA per Amplifier)
Large-Signal Transient Response
(IS = 6mA per Amplifier)
Large-Signal Transient Response
(IS = 3mA per Amplifier)
Large-Signal Transient Response
(IS = 300µA per Amplifier)
1MHz 2nd and 3rd Harmonic
Distortion vs Supply Current
Slew Rate vs Supply Current
–3dB Small-Signal Bandwidth
vs Supply Current
TYPICAL PERFOR A CE CHARACTERISTICS (Supply Current Is Measured Per Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com