Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6211CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LT6211CDD
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6211CDD Datasheet HTML 8Page - Linear Technology LT6211CDD Datasheet HTML 9Page - Linear Technology LT6211CDD Datasheet HTML 10Page - Linear Technology LT6211CDD Datasheet HTML 11Page - Linear Technology LT6211CDD Datasheet HTML 12Page - Linear Technology LT6211CDD Datasheet HTML 13Page - Linear Technology LT6211CDD Datasheet HTML 14Page - Linear Technology LT6211CDD Datasheet HTML 15Page - Linear Technology LT6211CDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT6210/LT6211
62101f
APPLICATIO S I FOR ATIO
Setting the Quiescent Operating Current (ISET Pin)
The quiescent bias point of the LT6210/LT6211 is set with
either an external resistor from the ISET pin to a lower
potential or by drawing a current out of the ISET pin.
However, the ISET pin is not designed to function as a
shutdown. The LT6211 uses two entirely independent bias
networks, so while each channel can be programmed for
a different supply current, neither ISET pin should be left
unconnected. A simplified schematic of the internal bias-
ing structure can be seen in Figure 1. Figure 2 illustrates
the results of varying RSET on 3V and ±5V supplies. Note
that shorting the ISET pin under 3V operation results in a
quiescent bias of approximately 6mA. Attempting to bias
the LT6210/LT6211 at a current level higher than 6mA by
using a smaller resistor may result in instability and
decreased performance. However, internal circuitry clamps
the supply current of the part at a safe level of approxi-
mately 15mA in case of accidental connection of the ISET
pin directly to a negative potential.
Input Considerations
The inputs of the LT6210/LT6211 are protected by back-
to-back diodes. If the differential input voltage exceeds
1.4V, the input current should be limited to less than the
absolute maximum ratings of
±10mA. In normal opera-
tion, the differential voltage between the inputs is small, so
the
±1.4V limit is generally not an issue. ESD diodes
protect both inputs, so although the part is not guaranteed
to function outside the common mode range, input volt-
ages that exceed a diode beyond either supply will also
require current limiting to keep the input current below the
absolute maximum of
±10mA.
Feedback Resistor Selection
The small-signal bandwidth of the LT6210/LT6211 is set
by the external feedback resistors and the internal junction
capacitances. As a result, the bandwidth is a function of the
quiescent supply current, the supply voltage, the value of
the feedback resistor, the closed-loop gain and the load
resistor. Refer to the Typical AC Performance table for
more information.
Layout and Passive Components
As with all high speed amplifiers, the LT6210/LT6211
require some attention to board layout. Low ESL/ESR
bypass capacitors should be placed directly at the positive
and negative supply (0.1
µF ceramics are recommended).
For best transient performance, additional 4.7
µFtantalums
should be added. A ground plane is recommended and
trace lengths should be minimized, especially on the
inverting input lead.
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Capacitance on the inverting input will cause peaking in the
frequency response and overshoot in the transient re-
sponse. Take care to minimize the stray capacitance at the
inverting input to ground and between the output and the
inverting input. If significant capacitance is unavoidable in
a given application, an inverting gain configuration should
be considered. When configured inverting, the amplifier
inputs do not slew and the effect of parasitics is greatly
reduced.
6
5
V+
TO
BIAS
CONTROL
600
Ω
600
Ω
8k
ISET
6210 F01
Figure 1. Internal Bias Setting Circuitry
Figure 2. Setting RSET to Control IS
10
1
0.1
0.01
0.1
1
10
100
1000
RSET PROGRAMMING RESISTOR (kΩ)
6210 F02
VS = ±5V
RSET TO GND
VS = 3V
RSET TO GND
TA = 25°C
RL = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com