Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6211CDD Datasheet(PDF) 5 Page - Linear Technology

Part # LT6211CDD
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211CDD Datasheet(HTML) 5 Page - Linear Technology

  LT6211CDD Datasheet HTML 1Page - Linear Technology LT6211CDD Datasheet HTML 2Page - Linear Technology LT6211CDD Datasheet HTML 3Page - Linear Technology LT6211CDD Datasheet HTML 4Page - Linear Technology LT6211CDD Datasheet HTML 5Page - Linear Technology LT6211CDD Datasheet HTML 6Page - Linear Technology LT6211CDD Datasheet HTML 7Page - Linear Technology LT6211CDD Datasheet HTML 8Page - Linear Technology LT6211CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT6210/LT6211
62101f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
–1
±4.5
–1.5
±4.5
mV
q
±8
±8mV
IIN+
Noninverting Input Current
0.2
±1
0.2
±1
µA
q
±2
±1.5
µA
IIN–
Inverting Input Current
–3
±8.5
–0.5
±3
µA
q
±11
±4.5
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 13k, RG = 681Ω,
13.5
13.5
nV/
√Hz
RS = 0Ω
+in
Input Noise Current Density
f = 1kHz
0.75
0.75
pA/
√Hz
–in
Input Noise Current Density
f = 1kHz
5
5
pA/
√Hz
RIN+
Noninverting Input Resistance
VIN = V
+ – 1.2V to V– + 1.2V
(Note 8)
q
1
25
1
15
M
Ω
CIN+
Noninverting Input Capacitance f = 100kHz
2
2
pF
VINH
Input Voltage Range, High
(Note 10)
q
3.8
4.1
1.8
2.1
V
VINL
Input Voltage Range, Low
(Note 10)
q
–4.1
–3.8
0.9
1.2
V
VOUTH
Output Voltage Swing, High
RL = 1k (Note 11)
4.75
4.85
2.75
2.85
V
q
4.7
2.7
V
VOUTL
Output Voltage Swing, Low
RL = 1k (Note 11)
–4.95
–4.85
0.05
0.15
V
q
–4.8
0.2
V
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±6V (Note 6)
q
60
85
60
85
dB
–IPSRR
Inverting Input Current
VS = ±1.5V to ±6V (Note 6)
1.5
±7
1.5
±7
µA/V
Power Supply Rejection
q
±8
±8
µA/V
IS
Supply Current per Amplifier
3
4.1
3
4.1
mA
q
4.55
4.4
mA
IOUT
Maximum Output Current
RL = 0Ω
q
±70
±45
mA
(Notes 7, 11)
ROL
Transimpedance,
∆VOUT/∆IIN–VOUT = V+ –1.2V to V– +1.2V
65
120
65
120
k
Ω
SR
Slew Rate
(Note 8)
450
600
150
V/
µs
tpd
Propagation Delay
50% VIN to 50% VOUT,
3.1
4.7
ns
100mVP-P, Larger of tpd+, tpd–
BW
–3dB Bandwidth
<1dB Peaking, AV = 1
100
70
MHz
ts
Settling Time
To 0.1% of VFINAL, VSTEP = 2V
20
25
ns
tf, tr
Small-Signal Rise and Fall Time 10% to 90%, VOUT = 100mVP-P
3
5.6
ns
dG
Differential Gain
(Note 9)
0.35
0.42
%
dP
Differential Phase
(Note 9)
0.30
0.44
Deg
HD2
2nd Harmonic Distortion
f = 1MHz, VOUT = 2VP-P
–65
–60
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VOUT = 2VP-P
–65
–65
dBc
V+ = 5V, V– = –5V, IS = 3mA
V+ = 3V, V– = 0V, IS = 3mA
ELECTRICAL CHARACTERISTICS
V+ = 5V, V– = –5V, IS = 300µA V+ = 3V, V– = 0V, IS = 300µA
(IS = 300µA per Amplifier) The q denotes specifications which apply over the specified operating temperature range,
otherwise specifications are at TA = 25°C. For V+ = 5V, V– = – 5V: RSET = 1M to ground, AV = +2, RF = RG = 11k, RL = 1k; For V+ = 3V,
V– = 0V: RSET = 270k to V
–, AV = +2, RF = 9.31k, RG = 9.31k to 1.5V, RL = 1k to 1.5V unless otherwise specified.
(IS = 3mA per Amplifier) The q denotes specifications which apply
over the specified operating temperature range, otherwise specifications are at TA = 25°C. For V+ = 5V, V– = – 5V: RSET = 56k to ground,
AV = +2, RF = RG = 1.1k, RL = 150Ω; For V+ = 3V, V– = 0V: RSET = 10k to V–, AV = +2, RF = 1.27k, RG = 1.27k to 1.5V, RL = 150Ω to 1.5V
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com