Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6211CDD Datasheet(PDF) 10 Page - Linear Technology

Part # LT6211CDD
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211CDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6211CDD Datasheet HTML 6Page - Linear Technology LT6211CDD Datasheet HTML 7Page - Linear Technology LT6211CDD Datasheet HTML 8Page - Linear Technology LT6211CDD Datasheet HTML 9Page - Linear Technology LT6211CDD Datasheet HTML 10Page - Linear Technology LT6211CDD Datasheet HTML 11Page - Linear Technology LT6211CDD Datasheet HTML 12Page - Linear Technology LT6211CDD Datasheet HTML 13Page - Linear Technology LT6211CDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT6210/LT6211
62101f
FREQUENCY (MHz)
1
10
100
1000
0.1
10
100
500
6210 G26
0.1
1
IS = 300µA
RF = RG = 11k
RL = 1k
IS = 6mA
RF = RG = 887Ω
RL = 150Ω
VS = ±5V
AV = 2
TA = 25°C
FREQUENCY (MHz)
10
9
8
7
6
5
4
3
2
1
0
0.01
1
10
100
6210 G22
0.1
VS = ±5V
RF = RG = 887Ω
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
HD2
HD3
FREQUENCY (MHz)
0.01
1
10
100
6210 G23
0.1
FREQUENCY (MHz)
0.01
1
10
6210 G24
0.1
VS = ±5V
RF = RG = 11k
VOUT = 2VP-P
RL = 1k
TA = 25°C
HD2
HD3
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
10
100
6210 G25
1
VS = ±5V
HD2, HD3 <–40dB
AV = 2
TA = 25°C
IS = 6mA
RF = RG = 887Ω
RL = 150Ω
IS = 300µA
RF = RG = 11k
RL = 1k
FREQUENCY (MHz)
120
100
80
60
40
20
0
0.1
10
100
500
6210 G27
1
RL = 150Ω
RL = ∞
VS = ±5V
IS = 6mA
RF = RG = 887Ω
TA = 25°C
CAPACITIVE LOAD (pF)
10
70
60
50
40
30
20
10
0
100
1000
10000
6210 G28
IS = 3mA
RF = RG = 1100Ω
RL = 150Ω
VS = ±5V
AV = 2
VOUT = 100mVP-P
TA = 25°C
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
15
5
25
35
45
50
100
1000
6210 G29
FEEDBACK RESISTANCE (
Ω)
800
10000
1000
100
10
1000
1200
1400
1600
1800
2000
6210 G30
VS = ±5V
OVERSHOOT < 10%
VOUT = 100mVP-P
IS = 6mA
RF = RG = 887Ω
RL = ∞
TA = 25°C
VS = ±5V
AC PEAKING < 3dB
VOUT = 100mVP-P
IS = 6mA
RG = RF
RL = 150Ω
TA = 25°C
VS = ±5V
RF = RG = 1.1k
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
HD2
HD3
IS = 300µA
RF = RG = 11k
RL = 1k
IS = 6mA
RF = RG = 887Ω
RL = 150Ω
TYPICAL PERFOR A CE CHARACTERISTICS
2nd and 3rd Harmonic Distortion vs
Frequency (IS = 6mA per Amplifier)
2nd and 3rd Harmonic Distortion vs
Frequency (IS = 3mA per Amplifier)
2nd and 3rd Harmonic Distortion vs
Frequency (IS = 300µA per Amplifier)
Maximum Undistorted Output
Sinusoid vs Frequency
Output Impedance vs Frequency
LT6211 Channel Separation
vs Frequency
Overshoot vs Capacitive Load
Maximum Capacitive Load vs
Output Series Resistor
Maximum Capacitive Load vs
Feedback Resistor
(Supply Current Is Measured Per Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com