Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP394ARZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394ARZ Datasheet(HTML) 5 Page - Analog Devices

  ADCMP394ARZ Datasheet HTML 1Page - Analog Devices ADCMP394ARZ Datasheet HTML 2Page - Analog Devices ADCMP394ARZ Datasheet HTML 3Page - Analog Devices ADCMP394ARZ Datasheet HTML 4Page - Analog Devices ADCMP394ARZ Datasheet HTML 5Page - Analog Devices ADCMP394ARZ Datasheet HTML 6Page - Analog Devices ADCMP394ARZ Datasheet HTML 7Page - Analog Devices ADCMP394ARZ Datasheet HTML 8Page - Analog Devices ADCMP394ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 5 of 18
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. ADCMP394 Pin Configuration
Table 4. ADCMP394 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Device Ground.
2, 5
NIC
Not Internally Connected.
3
IN+
Comparator Noninverting Input.
4
IN−
Comparator Inverting Input.
6
REF
Reference Output. This pin can be used to setup the comparator threshold.
7
VCC
Device Supply Input.
8
OUT
Comparator Output, Open-Drain.
Figure 5. ADCMP395 Pin Configuration
Table 5. ADCMP395 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Comparator A Output, Open Drain.
2
VCC
Device Supply Input.
3
INA−
Comparator A Inverting Input.
4
INA+
Comparator A Noninverting Input.
5
NIC
Not Internally Connected.
6
REF
Reference Output. This pin can be used to set up comparator threshold.
7
INB+
Comparator B Noninverting Input.
8
INB−
Comparator B Inverting Input.
9
GND
Device Ground.
10
OUTB
Comparator B Output, Open Drain.
GND 1
NIC 2
IN+ 3
IN– 4
OUT
8
VCC
7
REF
6
NIC
5
ADCMP394
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
ADCMP395
TOP VIEW
(Not to Scale)
NIC = NOT INTERNALLY CONNECTED.
OUTA 1
VCC 2
INA– 3
INA+ 4
NIC 5
OUTB
10
GND
9
INB–
8
INB+
7
REF
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com