Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP394ARZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP394ARZ Datasheet HTML 9Page - Analog Devices ADCMP394ARZ Datasheet HTML 10Page - Analog Devices ADCMP394ARZ Datasheet HTML 11Page - Analog Devices ADCMP394ARZ Datasheet HTML 12Page - Analog Devices ADCMP394ARZ Datasheet HTML 13Page - Analog Devices ADCMP394ARZ Datasheet HTML 14Page - Analog Devices ADCMP394ARZ Datasheet HTML 15Page - Analog Devices ADCMP394ARZ Datasheet HTML 16Page - Analog Devices ADCMP394ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 13 of 18
WINDOW COMPARATOR FOR NEGATIVE
VOLTAGE MONITORING
Figure 35 shows the circuit configuration for negative supply
voltage monitoring. To monitor a negative voltage, a reference
voltage is required to connect to the end node of the voltage
divider circuit, in this case, REF.
Figure 35. Negative Undervoltage/Overvoltage Monitoring Configuration
Equation 7, Equation 9, and Equation 10 need some minor
modifications. The reference voltage, VREF, is added to the
overall voltage drop; therefore, it must be subtracted from VM,
VUV, and VOV before using each of them in Equation 7, Equation 9,
and Equation 10.
To monitor a negative voltage level, the resistor divider circuit
divides the voltage differential level between VREF and the
negative supply voltage into the high-side voltage, VNH, and the
low-side voltage, VNL. The high-side voltage, VNH, is connected
to INA+, and the low-side voltage, VNL, is connected to INB−.
To trigger an overvoltage condition, the monitored voltage must
exceed the nominal voltage in terms of magnitude, and the
high-side voltage (in this case, VNH) on the INA+ pin must be
more negative than ground. Calculate the high-side voltage,
VNH, by using the following formula:

OV
Z
Y
X
Y
X
OV
REF
NH
V
R
R
R
R
R
V
V
GND
V


(11)
In addition,
M
REF
M
Z
Y
X
I
V
V
R
R
R
(12)
Therefore, RZ, which sets the desired trip point for the
overvoltage monitor, is calculated by

OV
REF
M
REF
M
REF
Z
V
V
I
V
V
V
R
(13)
To trigger an undervoltage condition, the monitored voltage
must be less than the nominal voltage in terms of magnitude,
and the low-side voltage (in this case, VNL) on the INB− pin
must be more positive than ground. Calculate the low-side
voltage, VNL, by the following:

UV
Z
Y
X
X
UV
REF
NL
V
R
R
R
R
V
V
GND
V


(14)
Because RZ is already known, RY can be expressed as follows:

Z
UV
REF
M
REF
M
REF
Y
R
V
V
I
V
V
V
R
(15)
When RY and RZ are known, RX is then calculated by
Z
Y
M
REF
M
X
R
R
I
V
V
R
(16)
PROGRAMMABLE SEQUENCING CONTROL CIRCUIT
The circuit shown in Figure 36 is used to control power supply
sequencing. The delay is set by the combination of the pull-up
resistor (RPULLUP), the load capacitor (CL), and the resistor
divider network.
Figure 36. Programmable Sequencing Control Circuit
Figure 37 shows a simple block diagram for a programmable
sequencing control circuit. The application delays the enable signal,
EN, of the external regulators (LDO x) in a linear order when
the open-drain signal (SEQ) changes from low to high impedance.
The ADCMP394/ADCMP395/ADCMP396 have a defined output
state during startup, which prevents any regulator from turning
on if VCC is still below the UVLO threshold.
Figure 37. Simplified Block Diagram of a Programmable
Sequencing Control Circuit
OUTA
INA+
REF
INA–
OUTB
INB+
INB–
RX
RY
RZ
VNL
VNH
VM
CL
OUTA
OUTB
OUTC
OUTD
R2
V2
R3
V3
R4
V4
R5
R1
V1
RPULL-UP
VREF/VCC
SEQ
U1
INA+
INA–
INB+
INB–
INC+
INC–
IND+
IND–
IN
EN
OUT
GND
LDO 1
3.0V
3.3V
IN
EN
OUT
GND
LDO 2
1.8V
IN
EN
OUT
GND
LDO 3
2.5V
IN
EN
OUT
GND
LDO 4
1.2V
GND
VREF/VCC
SEQ
t1
t2
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com