Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP394ARZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP394ARZ Datasheet HTML 4Page - Analog Devices ADCMP394ARZ Datasheet HTML 5Page - Analog Devices ADCMP394ARZ Datasheet HTML 6Page - Analog Devices ADCMP394ARZ Datasheet HTML 7Page - Analog Devices ADCMP394ARZ Datasheet HTML 8Page - Analog Devices ADCMP394ARZ Datasheet HTML 9Page - Analog Devices ADCMP394ARZ Datasheet HTML 10Page - Analog Devices ADCMP394ARZ Datasheet HTML 11Page - Analog Devices ADCMP394ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 8 of 18
Figure 13. Supply Current (ICC) vs. Temperature at Output High Voltage (VOH)
Figure 14. Input Hysteresis vs. Supply Voltage (VCC), VCM = 1 V
for Various Temperatures
Figure 15. Propagation Delay vs. Temperature, Low to High,
VOD = 10 mV
Figure 16. Supply Current (ICC) vs. Temperature at Output Low Voltage (VOL)
Figure 17. Input Hysteresis vs. Temperature, VCM = 1 V
for Various Supply Voltages (VCC)
Figure 18. Propagation Delay vs. Temperature, High to Low,
VOD = 10 mV
–50
125
100
75
50
25
0
–25
15
25
35
45
55
65
TEMPERATURE(°C)
ADCMP394
ADCMP395
ADCMP396
3.9
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
SUPPLY VOLTAGE (V)
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
8
7
6
5
4
3
2
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
15
25
35
45
55
65
ADCMP394
ADCMP395
ADCMP396
–50
125
100
75
50
25
0
–25
3.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
14
10
12
8
6
4
2
0
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com