Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP394ARZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP394ARZ Datasheet HTML 5Page - Analog Devices ADCMP394ARZ Datasheet HTML 6Page - Analog Devices ADCMP394ARZ Datasheet HTML 7Page - Analog Devices ADCMP394ARZ Datasheet HTML 8Page - Analog Devices ADCMP394ARZ Datasheet HTML 9Page - Analog Devices ADCMP394ARZ Datasheet HTML 10Page - Analog Devices ADCMP394ARZ Datasheet HTML 11Page - Analog Devices ADCMP394ARZ Datasheet HTML 12Page - Analog Devices ADCMP394ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 9 of 18
Figure 19. Propagation Delay vs. Input Overdrive Voltage, Low to High
Figure 20. Propagation Delay vs. Input Overdrive Voltage, Low to High,
Channel B
Figure 21. Output Voltage Rise Time (tR) vs. Pull-Up Resistance (RPULLUP)
Figure 22. Propagation Delay vs. Input Overdrive Voltage, High to Low
Figure 23. Propagation Delay vs. Input Overdrive Voltage, High to Low,
Channel B
Figure 24. Output Voltage Fall Time (tF) vs. Pull-Up Resistance (RPULLUP)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
10
100
90
80
70
60
50
40
30
20
INPUT OVERDRIVE VOLTAGE (mV)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULLUP = 10kΩ
CL = 50pF
VCM = 1V
12
10
8
6
4
2
0
10
90
70
50
30
INPUT OVERDRIVE VOLTAGE (mV)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULL-UP = 10kΩ
CL = 50pF
VCM = 1V
18
16
14
12
10
8
6
4
2
0
1100
10
PULL-UP RESISTANCE (kΩ)
VCC = 3.3V
CL = 50pF
10
9
8
7
6
5
4
3
2
1
10
100
90
80
70
60
50
40
30
20
INPUT OVERDRIVE VOLTAGE (mV)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULL-UP = 10kΩ
CL = 50pF
VCM = 1V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
90
70
50
30
INPUT OVERDRIVE VOLTAGE (mV)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULL-UP = 10kΩ
CL = 50pF
VCM = 1V
200
190
180
170
160
150
140
130
120
110
100
1100
10
PULL-UP RESISTANCE (kΩ)
VCC = 3.3V
CL = 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com