Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP394ARZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP394ARZ Datasheet HTML 3Page - Analog Devices ADCMP394ARZ Datasheet HTML 4Page - Analog Devices ADCMP394ARZ Datasheet HTML 5Page - Analog Devices ADCMP394ARZ Datasheet HTML 6Page - Analog Devices ADCMP394ARZ Datasheet HTML 7Page - Analog Devices ADCMP394ARZ Datasheet HTML 8Page - Analog Devices ADCMP394ARZ Datasheet HTML 9Page - Analog Devices ADCMP394ARZ Datasheet HTML 10Page - Analog Devices ADCMP394ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 7 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VCC = 3.3 V
Figure 8. Input Offset Voltage (VOS) vs. Temperature for
Various Supply Voltages, VCM = 1 V
Figure 9. Supply Current (ICC) vs. Supply Voltage (VCC) at Output Low Voltage
Figure 10. Input Offset Voltage (VOS) vs. Supply Voltage (VCC), VCM = 1 V
for Various Temperatures
Figure 11. Output Voltage (VOUT) vs. Supply Voltage (VCC), RPULLUP = 10 kΩ
Figure 12. Supply Current (ICC) vs. Supply Voltage (VCC) at Output High
Voltage
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–0.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
COMMON-MODE VOLTAGE (V)
SAMPLE 1
SAMPLE 2
SAMPLE 3
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
SUPPLY VOLTAGE (V)
25
30
35
40
45
50
55
60
65
70
ADCMP394
ADCMP395
ADCMP396
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
SUPPLY VOLTAGE (V)
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
SUPPLY VOLTAGE (V)
IN+ = IN– + 10mV
VCM = IN– = 1V
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
25
30
35
40
45
50
55
60
65
70
SUPPLY VOLTAGE (V)
ADCMP394
ADCMP395
ADCMP396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com