Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM6322ACPZ-R7
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM6322ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 13 of 20
2.00
1.50
1.25
1.75
1.00
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±3.3V
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 34. Output Voltage High (VOH) vs. Temperature, VSY = ±3.3 V
–1.00
–1.50
–1.75
–1.25
–2.00
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±3.3V
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 35. Output Voltage Low (VOL) vs. Temperature, VSY = ±3.3 V
6.5
5.9
5.7
6.1
6.3
5.5
–40
–15
10
35
60
85
TEMPERATURE (°C)
±5V
±3.3V
Figure 36. Supply Current (+ISY) vs. Temperature
–5.3
–5.6
–5.7
–5.5
–5.4
–5.8
–40
–15
10
35
60
85
TEMPERATURE (°C)
±5V
±3.3V
Figure 37. Supply Current (−ISY) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com