Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM6322ACPZ-R7
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM6322ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 17Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 18Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 19Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 18 of 20
SSM6322 IN A HEADPHONE DRIVER APPLICATION
SSM6322 Circuit with Current Output DAC
For an audio DAC with a differential current output, two gain
resistors convert the current to voltage (see Figure 46). The
resistor value is determined by the DAC output full-scale
current and the input stage output range (the output range is
±3 V at a ±5 V supply). Assuming that the DAC single-ended
output current is ±1.5 mA, and that the differential current is
±3 mA, the output of the input stage is ±3 V when using two
1 kΩ gain resistors. The feedback capacitors, in parallel with the
gain resistors, form a single-pole, low-pass filter. The SSM6322
can handle up to a 1 kΩ and 2.2 nF resistor capacitor combination.
Typically, audio DACs generate a dc offset current, which is
converted to an input common-mode voltage at the input of the
SSM6322. The REF1 and REF2 pins of the SSM6322 set the
input common-mode voltage of each channel. The voltage at
the REF1 and REF2 pins is achieved by an internal 15 μA
current source and an external resistor; a 51 kΩ resistor is
suggested to achieve a 0.765 V voltage. A 1 μF capacitor can be
used in parallel with the resistor to remove noise.
A 499 Ω resistor and 1 nF capacitor can be added between the
input stage and output stage for a second single-pole, low-pass
filter, as shown in Figure 46.
For better gain matching and better distortion performance,
all 1 kΩ and 499 Ω resistors must to be of 0.1% tolerance and a
25 ppm/°C temperature coefficient. The 1 nF capacitors must be
NP0 capacitors. There are no specific requirements for the
51 kΩ resistor and the 1 μF capacitor at REF1 and REF2.
SSM6322 Circuit with Voltage Output DAC
For audio DACs that output a differential voltage, four gain
resistors convert the differential voltage to single-ended voltage
(see Figure 47). The feedback capacitors must be in parallel with
the gain resistors to form the single-pole, low-pass filter. As shown
in Figure 47, four 1 kΩ resistors and two 1 nF capacitors are
used to achieve a gain of 1 and a first-order, 159 kHz cutoff
frequency low-pass filter.
For REF1 and REF2, refer to the DAC data sheet for the
common-mode voltage; then, calculate the resistor value at
REF1 and REF2. As shown in Figure 47, a 51 kΩ resistor is
suggested to obtain a 0.765 V voltage.
A 499 Ω resistor and 1 nF capacitor can be added between the
input stage and output stage for a second single-pole, low-pass
filter, as shown in Figure 47.
For better gain matching and better distortion performance, all
1 kΩ and 499 kΩ resistors must be of a 0.1% tolerance and
25ppm/°C temperature coefficent; the 1 nF capacitor must be
NP0 capacitor.
There are no specific requirement for the 51 kΩ resistor and
1 μF capacitor at REF1 and REF2.
1µF
AUDIO
DAC
1nF
1nF
1nF
1kΩ
51kΩ
1kΩ
VCM
VOUT2
VNFB2
SD2
OUTPUT
INPUT
GND3
FILT2
GAIN2
VEE2
VP2
GND2
REF2
VN2
VCC2
499Ω
15
13
14
8
7
12
11
6
4
9
5
10
SSM6322
Figure 46. SSM6322 Circuit with Current Output DAC
1µF
AUDIO
DAC
1nF
1nF
1nF
1kΩ
1kΩ
1kΩ
51kΩ
1kΩ
VCM
VOUT2
VNFB2
SD2
OUTPUT
INPUT
GND3
FILT2
GAIN2
VEE2
VP2
GND2
REF2
VN2
VCC2
499Ω
15
13
14
8
7
12
11
6
4
9
5
10
SSM6322
Figure 47. SSM6322 Circuit with Voltage Output DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com