Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM6322ACPZ-R7
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM6322ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 17Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 18Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 19Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 19 of 20
DESIGN GUIDELINES
The performance of the SSM6322 is such that any minor
external interference can destroy the circuit. When using this
device, consider the following:
The sensing ground of the input stage is sensitive to
external interference. In the PCB layout, it is recommended
to refer the sensing ground to the output interface ground
(in high fidelity headphone driver applications, the output
interface is the jack). As shown in Figure 48, the dashed
outline enclosed ground is the input stage sensing ground,
which must be routed directly to the ground of the jack.
Note that Figure 48 only shows one channel; for the other
channel, route the sensing ground to the jack ground
separately.
The SSM6322 circuit is different with a typical current output
DAC signal chain (see Figure 41); there is only one op amp
that performs the differential I to V conversion. The power
across the noninverting grounded resistor is fixed, but the
power across the feedback resistor varies with the output
signal. This variability creates a mismatch between the two
resistors, as well as distortion if the heat cannot be well
dissipated. Low drift (25 ppm/°C) metal film or thin film
resistors are suggested to avoid this situation (see Figure 46).
If there is a resistor between the final output and the
headphone, the resistor must be low drift (25 ppm/°C) and
metal film or thin film to avoid distortion when driving
heavy loads.
Use a low dropout regulator (LDO) as the power supply.
Place the decoupling capacitors (0.1 μF and 4.7 μF) near
the amplifier power pins. If there is switching power on the
board, keep the switching power circuit and return path far
away from the SSM6322 circuit.
For better heat dissipation, solder the exposed pad of the
LFCSP package to the board pad and, using vias, connect
the exposed pad to a large, solid copper plane at the
opposite side of the board. The copper plane can be
connected to the negative supply plane or ground plane.
Shielding is important in mobile phone applications. To
reach <−100 dB THD + N specifications, even small
interferences can degrade THD + N performance,
particularly when listening to music and browsing the
internet simultaneously. Metal shielding helps prevent
performance degradation.
The maximum input filter capacitor values are 2.2 nF.
1µF
AUDIO
DAC
1nF
1nF
1nF
1kΩ
51kΩ
1kΩ
VCM
VOUT2
SD2
OUTPUT
INPUT
GND3
FILT2
GAIN2
VEE2
VP2
GND2
REF2
VN2
VCC2
499Ω
15
13
14
8
7
12
11
6
4
9
5
10
SSM6322
VNFB2
Figure 48. Sensing Ground of Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com