Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM6322ACPZ-R7
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM6322ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 17Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 18Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 15 of 20
THEORY OF OPERATION
The SSM6322 is designed using Analog Devices, Inc., proprietary
extra fast complementary bipolar (XFCB) process. The device
features exceptionally low 1/f noise, low power, and load drive
capability. The device combines a classic difference amplifier
configuration with a common-mode loop that maintains a fixed
common-mode input level, regardless of the differential or
common-mode currents going into the device. This combination
results in the DAC operating in optimal conditions to reach the
THD specifications. This configuration of a common-mode
loop and a difference amplifier also has much lower noise and
power consumption than other solutions by eliminating two
additional amplifiers from the signal path.
The output driver has many features including heavy load drive,
multiplexing, and pop click suppression. In both shutdown
conditions, the output is high impedance in the audio band
when the applied external signal is between the supply rails.
An additional shutdown pin is included to power up the input
difference amplifier so that it can settle before any unwanted
signals are applied to the driver. The output driver is capable of
delivering −120 dB THD with a 100 mA peak output current
and a 2 V rms signal.
REF1 and REF2 Pin Voltage
REF1 and REF2 set the input common-mode signal. Internally,
there is a 15 μA current source; by externally adding a resistor,
15 μA of current flows through the resistor to generate a
common-mode voltage. For example, a 51 kΩ resistor and
15 μA current results in a common-mode voltage of 0.765 V.
Shutdown Control
The SSM6322 features two shutdown pins to control different
sections of the device. When SD and SD2 are Logic 1, the entire
device is enabled. When SD is Logic 0 and SD2 is Logic 1, the
input stage is enabled, and the output buffer is disabled. When
SD2 is Logic 0, the entire device is disabled with a quiescent
current of only 15 μA (see Table 6).
Table 6. Disabled Mode and Enabled Mode
Logic Level of the
Shutdown Pins
Device Status
SD and SD2 = 1
Entire device is enabled.
SD = 0 and SD2 = 1
Input stage is enabled, and the output
buffer is disabled.
SD2 = 0
Entire device is disabled with a quiescent
current of 15 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com