Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM6322ACPZ-R7
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM6322ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 17Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 18Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 19Page - Analog Devices SSM6322ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 16 of 20
APPLICATIONS INFORMATION
HEADPHONE DRIVERS IN MOBILE PHONES
In a headphone driver application, some high performance
audio DACs can be configured as a voltage output or a current
output. Typically, the current output configuration results in the
best THD + N performance.
For a current output configuration, implement an current to
voltage (I to V) circuit to convert the differential current signal
from the R channel and the L channel to the differential voltage
signal, followed by a difference amplifier circuit (see Figure 41).
For a voltage output configuration, the conditioning circuit is a
difference amplifier circuit, which converts the differential
signal from the R channel or L channel to a single-ended signal
(see Figure 39).
Current output audio DACs are typically used to achieve the
best THD + N performance (see Figure 41). Six amplifiers and
many passive components are required to perform current
mode signal conditioning, which consumes more PCB area and
more power. Area consumption and power consumption are
important considerations in mobile phone applications.
R
DAC
V+
V–
DIFFERENTIAL TO
SINGLE-END
VOLTAGE OUTPUT
L
V+
V–
Figure 39. Voltage Output DAC Configuration
The SSM6322 is an integrated solution for mobile phone
applications requiring low distortion and noise performance
while directly driving a low impedance load. The device also
saves more PCB area and power than the current discrete
solution.
The SSM6322 contains an additional buffer to support high
current drive capabilities. The buffer is also capable of being
configured in true high-Z mode in the audio band, which is
desirable in some portable applications for the multiplexing of
other signals on the same output port.
COMMON-MODE CONTROL CIRCUIT
The differential output stage of the DAC can be modeled as two
voltage sources, which both have the same amplitude and a 180°
phase difference. RS1 and RS2 are the source resistors of the
voltage source (see Figure 40).
In a typical current output DAC signal chain (see Figure 41),
four amplifiers are configured as an I to V circuit. The non-
inverting inputs are connected to a dc voltage that is the output
common-mode level of the DAC, making the voltage at the I+/I−
terminals a dc signal. This signal makes the voltage drop at two
internal source resistors of the DAC (RS1 and RS2) the same,
which makes the DAC achieve the best distortion performance.
In the SSM6322, the input difference amplifier performs the I to V
conversion.
RG
RS1
RS2
RF
SSM6322
INPUT
REF2
AUDIO
DAC
GND2
VEE2 VCC2
GAIN2
VP2
VN2
9
4
5
6
11
12
7
Figure 40. Common-Mode Circuit Without Common-Mode Control
R
DAC
I+
I–
DIFFERENTIAL TO
SINGLE-END
ITOV
CURRENT OUTPUT
L
I+
I–
Figure 41. Current Output DAC Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com